Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3KP10A Datasheet (PDF) - Ruilongyuan Electronics Co.,Ltd

3KP10A Datasheet PDF - Ruilongyuan Electronics Co.,Ltd
Part # 3KP10A
Download  3KP10A Download
File Size   763.54 Kbytes
Page   7 Pages
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd
Description Transient Voltage Suppressors

3KP10A Datasheet (PDF)

Go To PDF Page Download Datasheet
3KP10A Datasheet PDF - Ruilongyuan Electronics Co.,Ltd

Part # 3KP10A
Download  3KP10A Click to download

File Size   763.54 Kbytes
Page   7 Pages
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd
Description Transient Voltage Suppressors

3KP10A Datasheet (HTML) - Ruilongyuan Electronics Co.,Ltd


3KP10A Product details

Features
1. Halogen-free
2. Rohs compliant
3. Typical maximum temperature coefficient
4. ΔVBR =0.1%xVBR@25°C x ΔT
5. Glass passivated Chip junction in P600 package
6. 3000W peak pulse capadility at 10x1000μs waveform,repetition rate (duty
   cycles):0.01%
7. Fast response time:typically less than 1.0ps from 0 Volts to BV min
8. Excellent clamping capability
9. Low incremental surge resistance
10. Typical IR less than 3μA above 11V
11. High temperature soldering guaranteed: 260°C/40 seconds / 0.375”,
   (9.5mm) lead length, 5lbs., (2.3kg) tension
12. Plastic package has underwriters laboratory flammability classification
   94v-0
  
Applications
   TVS devices are ideal for the protection of I/O interfaces,VCC bus
   and other vulnerable circuits used in telecom, computer,
   industrial and consumer electronic applications.




Similar Part No. - 3KP10A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP10A PANJIT-3KP10A Datasheet
173Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Surge Components
3KP10A SURGE-3KP10A Datasheet
206Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Won-Top Electronics
3KP10A WTE-3KP10A Datasheet
68Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
3KP10A FORMOSA-3KP10A Datasheet
69Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
logo
DB Lectro Inc
3KP10A DBLECTRO-3KP10A Datasheet
149Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power
More results


Similar Description - 3KP10A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
Transient Voltage Suppressors
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
TVS8501V5 ONSEMI-TVS8501V5 Datasheet
93Kb / 6P
Transient Voltage Suppressors
November, 2014 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
ESD3BL3V3WS SEMTECH_ELEC-ESD3BL3V3WS Datasheet
356Kb / 4P
Transient Voltage Suppressors
ESD9BL5V0BP SEMTECH_ELEC-ESD9BL5V0BP Datasheet
342Kb / 3P
Transient Voltage Suppressors
ESDB5V0WT SEMTECH_ELEC-ESDB5V0WT Datasheet
267Kb / 3P
Transient Voltage Suppressors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com