Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD35T18 Datasheet (PDF) - Powersem GmbH

PSD35T18 Datasheet PDF - Powersem GmbH
Part # PSD35T18
Download  PSD35T18 Download
File Size   159.51 Kbytes
Page   1 Pages
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH
Description Three Phase Rectifier Bridge

PSD35T18 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSD35T18 Datasheet PDF - Powersem GmbH

Part # PSD35T18
Download  PSD35T18 Click to download

File Size   159.51 Kbytes
Page   1 Pages
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH
Description Three Phase Rectifier Bridge

PSD35T18 Datasheet (HTML) - Powersem GmbH


PSD35T18 Product details

Features

• Package with screw terminals

• Isolation voltage 3000 V~

• Mesa glass-passivated chips

• Blocking voltage up to 2000 V

• Low forward voltage drop

• UL registered E 148688



Applications

• Supplies for DC power equipment

• Input rectifiers for PWM inverter

• Battery DC power supplies

• Field supply for DC motors



 




Similar Part No. - PSD35T18

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSD35 POWERSEM-PSD35 Datasheet
153Kb / 2P
Three Phase Rectifier Bridges
logo
Leshan Radio Company
PSD3504 LRC-PSD3504 Datasheet
747Kb / 3P
Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
PSD3508 LRC-PSD3508 Datasheet
747Kb / 3P
Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
PSD3512 LRC-PSD3512 Datasheet
747Kb / 3P
Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
PSD3514 LRC-PSD3514 Datasheet
747Kb / 3P
Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
More results


Similar Description - PSD35T18

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO34-08NO1 IXYS-VUO34-08NO1 Datasheet
51Kb / 2P
Three Phase Rectifier Bridge
VUO160 IXYS-VUO160 Datasheet
30Kb / 1P
Three Phase Rectifier Bridge
VTO39 IXYS-VTO39 Datasheet
53Kb / 2P
Three Phase Rectifier Bridge
VUO5012N03 IXYS-VUO5012N03 Datasheet
77Kb / 2P
Three Phase Rectifier Bridge
logo
Powersem GmbH
PSD43F06 POWERSEM-PSD43F06 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
PSD43F12 POWERSEM-PSD43F12 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
logo
IXYS Corporation
VUO25-08NO8 IXYS-VUO25-08NO8 Datasheet
145Kb / 2P
Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0036A SSDI-RA0036A Datasheet
100Kb / 1P
THREE PHASE BRIDGE RECTIFIER
RA0082 SSDI-RA0082 Datasheet
147Kb / 1P
THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUO122-18NO7 IXYS-VUO122-18NO7 Datasheet
106Kb / 1P
Three Phase Rectifier Bridge
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com