Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SF0915BA02620S Datasheet (PDF) - Spectrum Microwave, Inc.

SF0915BA02620S Datasheet PDF - Spectrum Microwave, Inc.
Part # SF0915BA02620S
Download  SF0915BA02620S Download
File Size   173.87 Kbytes
Page   3 Pages
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.
Description 914.5 MHz SAW Filter 16 MHz Bandwidth

SF0915BA02620S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0915BA02620S Datasheet PDF - Spectrum Microwave, Inc.

Part # SF0915BA02620S
Download  SF0915BA02620S Click to download

File Size   173.87 Kbytes
Page   3 Pages
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.
Description 914.5 MHz SAW Filter 16 MHz Bandwidth

SF0915BA02620S Datasheet (HTML) - Spectrum Microwave, Inc.




Similar Part No. - SF0915BA02620S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0915BA02620S APITECH-SF0915BA02620S Datasheet
173Kb / 3P
914.5 MHz SAW Filter 16 MHz Bandwidth
More results


Similar Description - SF0915BA02620S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0070CF51846T ICST-SF0070CF51846T Datasheet
188Kb / 2P
70 MHz Filter 16 MHz Bandwidth
Rev 1.0
SF0140BA03072S ICST-SF0140BA03072S Datasheet
257Kb / 4P
140 MHz Filter 16 MHz Bandwidth
SF0140BA03114S ICST-SF0140BA03114S Datasheet
108Kb / 3P
140 MHz SAW Filter 16 MHz Bandwidth
Rev X2
SF0140CF51927T ICST-SF0140CF51927T Datasheet
214Kb / 2P
140 MHz Filter 16 MHz Bandwidth
Rev 1.1
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
SAW Filter 914.5 MHz
logo
API Technologies Corp
SF0140CF51927T APITECH-SF0140CF51927T Datasheet
218Kb / 2P
140 MHz Filter 16 MHz Bandwidth
SF0140BA03114S APITECH-SF0140BA03114S Datasheet
154Kb / 3P
140 MHz SAW Filter 16 MHz Bandwidth
SF0140BA03072S APITECH-SF0140BA03072S Datasheet
262Kb / 4P
140 MHz Filter 16 MHz Bandwidth
SF0070CF51846T APITECH-SF0070CF51846T Datasheet
191Kb / 2P
70 MHz Filter 16 MHz Bandwidth
SF0915BA02620S APITECH-SF0915BA02620S Datasheet
173Kb / 3P
914.5 MHz SAW Filter 16 MHz Bandwidth
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com