Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TB1116A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TB1116A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TB1116A
Download  TB1116A Download
File Size   121.31 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 70MHz (SMD 13.3횞6.5 mm)

TB1116A Datasheet (PDF)

Go To PDF Page Download Datasheet
TB1116A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB1116A
Download  TB1116A Click to download

File Size   121.31 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 70MHz (SMD 13.3횞6.5 mm)

TB1116A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TB1116A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB1116A GOLLEDGE-TB1116A Datasheet
107Kb / 6P
SAW Filter 70.0MHz
More results


Similar Description - TB1116A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0691A TAI-SAW-TB0691A Datasheet
269Kb / 7P
SAW Filter 70MHz 1.3MHz BW (SMD 13.3횞6.5 mm)
TB0693A TAI-SAW-TB0693A Datasheet
270Kb / 7P
SAW Filter 70MHz 0.8MHz BW (SMD 13.3횞6.5 mm)
TB1109A TAI-SAW-TB1109A Datasheet
253Kb / 7P
SAW Filter 70MHz (SMD 13.3횞6.5 mm)
TB0184B TAI-SAW-TB0184B Datasheet
185Kb / 6P
SAW Filter 70MHz 3.5MHz BW (SMD 13.3횞6.5 mm)
TB0418A TAI-SAW-TB0418A Datasheet
234Kb / 7P
SAW Filter 44MHz (SMD 13.3횞6.5 mm)
TB0419A TAI-SAW-TB0419A Datasheet
230Kb / 7P
SAW Filter 44MHz (SMD 13.3횞6.5 mm)
TB0644A TAI-SAW-TB0644A Datasheet
192Kb / 7P
SAW Filter 70MHz 0.1MHz BW (SMD 13.3횞6.5 mm)
TB0856A TAI-SAW-TB0856A Datasheet
310Kb / 7P
SAW Filter 70MHz 24MHz BW (SMD 13.3횞6.5 mm)
TB0884A TAI-SAW-TB0884A Datasheet
316Kb / 7P
SAW Filter 70MHz 8MHz BW (SMD 13.3횞6.5 mm)
TB1190A TAI-SAW-TB1190A Datasheet
225Kb / 7P
SAW Filter 70MHz 13.84MHz BW (SMD 13.3횞6.5 mm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com