Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HEF4049BT-652 Datasheet (PDF) - NXP Semiconductors

HEF4049BT-652 Datasheet PDF - NXP Semiconductors
Part # HEF4049BT-652
Download  HEF4049BT-652 Download
File Size   141.64 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Accepts input voltages in excess of the supply voltage

HEF4049BT-652 Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4049BT-652 Datasheet PDF - NXP Semiconductors

Part # HEF4049BT-652
Download  HEF4049BT-652 Click to download

File Size   141.64 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Accepts input voltages in excess of the supply voltage

HEF4049BT-652 Datasheet (HTML) - NXP Semiconductors




Similar Part No. - HEF4049BT-652

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4049BT-Q100 NEXPERIA-HEF4049BT-Q100 Datasheet
725Kb / 11P
Hex inverting buffers
HEF4049BT-Q100 NEXPERIA-HEF4049BT-Q100 Datasheet
198Kb / 10P
Hex inverting buffers
Rev. 4 3 September 2024
More results


Similar Description - HEF4049BT-652

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
LM324 ESTEK-LM324 Datasheet
169Kb / 4P
Wide range of supply voltages
REV No:01-060817
logo
Advanced Monolithic Sys...
AMS324 AMS-AMS324 Datasheet
300Kb / 4P
Wide range of supply voltages
logo
List of Unclassifed Man...
KA7915TU ETC2-KA7915TU Datasheet
163Kb / 16P
Output Current in Excess of 1A
logo
Texas Instruments
LM2940T-12.0 TI-LM2940T-12.0 Datasheet
2Mb / 35P
Dropout Voltage Typically 0.5V @IO = 1A, Output Current in Excess of 1A
logo
Integrated Device Techn...
86004I IDT-86004I Datasheet
231Kb / 13P
CLK accepts the following input levels
logo
IK Semicon Co., Ltd
IL317 IKSEMICON-IL317_16 Datasheet
303Kb / 6P
Output Current in Excess of 1.5 Ampere
IL317L IKSEMICON-IL317L_16 Datasheet
1Mb / 17P
Output Current in Excess of 100mA
logo
Hotchip Technology Co.,...
HT2535S HOTCHIP-HT2535S Datasheet
1Mb / 10P
Total voltage input within the range of 5 % of total voltage input.
logo
KIA Semiconductor Techn...
7805 KIA-7805 Datasheet
16Kb / 2P
Output current in excess of 1A
logo
Maxim Integrated Produc...
MAX30034EVKIT MAXIM-MAX30034EVKIT Datasheet
908Kb / 9P
High Peak Current in Excess of 4A
Rev 0; 8/16
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com