Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N6334 Datasheet (PDF) - Digitron Semiconductors

1N6334 Datasheet PDF - Digitron Semiconductors
Part # 1N6334
Download  1N6334 Download
File Size   268.49 Kbytes
Page   3 Pages
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors
Description 500 mW GLASS ZENER DIODES

1N6334 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6334 Datasheet PDF - Digitron Semiconductors

Part # 1N6334
Download  1N6334 Click to download

File Size   268.49 Kbytes
Page   3 Pages
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors
Description 500 mW GLASS ZENER DIODES

1N6334 Datasheet (HTML) - Digitron Semiconductors


1N6334 Product details

500 mW GLASS ZENER DIODES

Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.




Similar Part No. - 1N6334

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6334 MICROSEMI-1N6334 Datasheet
96Kb / 2P
500 mW GLASS ZENER DIODES
logo
Sensitron
1N6334 SENSITRON-1N6334 Datasheet
127Kb / 4P
ZENER 500mW VOLTAGE REGULATOR
logo
New Jersey Semi-Conduct...
1N6334 NJSEMI-1N6334 Datasheet
255Kb / 1P
1/2 WATT ZENER DIODES , DO-35 HARD GLASS PACKAGE
logo
Microsemi Corporation
1N6334 MICROSEMI-1N6334 Datasheet
481Kb / 6P
VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
logo
Silicon Supplies
1N6334 SS-1N6334 Datasheet
318Kb / 3P
0.5W Zener Diode
Rev 1.1 10/05/24
More results


Similar Description - 1N6334

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
500 mW ZENER DIODES
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
500 mW ZENER DIODES
logo
Microsemi Corporation
1N4370 MICROSEMI-1N4370 Datasheet
70Kb / 2P
SILICON 500 mW ZENER DIODES
1N5221-1 MICROSEMI-1N5221-1 Datasheet
102Kb / 3P
SILICON 500 mW ZENER DIODES
1N5221 MICROSEMI-1N5221 Datasheet
100Kb / 3P
SILICON 500 mW ZENER DIODES
1N6309 MICROSEMI-1N6309 Datasheet
96Kb / 2P
500 mW GLASS ZENER DIODES
1N957B-1 MICROSEMI-1N957B-1 Datasheet
92Kb / 2P
SILICON 500 mW ZENER DIODES
1N992B MICROSEMI-1N992B Datasheet
221Kb / 3P
Silicon 500 mW Zener Diodes
1N5221UR MICROSEMI-1N5221UR Datasheet
149Kb / 3P
500 mW GLASS SURFACE MOUNT ZENER DIODES
1N5248C MICROSEMI-1N5248C Datasheet
199Kb / 3P
500 mW GLASS AXIAL-LEAD ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com