Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL78220ANEZ Datasheet (PDF) - Intersil Corporation

ISL78220ANEZ Datasheet PDF - Intersil Corporation
Part # ISL78220ANEZ
Download  ISL78220ANEZ Download
File Size   782.29 Kbytes
Page   22 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement

ISL78220ANEZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL78220ANEZ Datasheet PDF - Intersil Corporation

Part # ISL78220ANEZ
Download  ISL78220ANEZ Click to download

File Size   782.29 Kbytes
Page   22 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement

ISL78220ANEZ Datasheet (HTML) - Intersil Corporation


ISL78220ANEZ Product details

The ISL78220 6-phase controller is targeted for applications
where high efficiency (>95%) and high power are required. The
multiphase boost converter architecture uses interleaved
timing to multiply channel ripple frequency and reduce input
and output ripple. Lower ripple results in fewer input/output
capacitors and therefore lower component cost and smaller
implementation area.
The ISL78220 has a dedicated pin to initiate the phase
dropping scheme for higher efficiency at light load by dropping
phases based on the load current, so the switching and core
losses in the converter are reduced significantly. As the load
increases, the dropped phase(s) are added back to
accommodate heavy load transients and improve efficiency.
Input current is sensed continuously by measuring the voltage
across a dedicated current sense resistor or by inductor DCR.
This current sensing provides precision channel-current
balancing, and per-phase overcurrent protection. A separate
totalizing current limit function provides overcurrent protection
for all the phases combined. This two-stage current protection
provides maximum performance and circuit reliability.
The ISL78220 can also provide for input voltage tracking via
the VREF2 pin. The comparison reference voltage will be the
lower of the VREF2 pin or the internal 2V reference. By using a
resistor network between VIN and VREF2 pin, the output
voltage can track input voltage to limit the output power during
automotive cranking conditions.
The ISL78220 can output a clock signal for expanding
operation to 12 phases, which offers high system flexibility.
The threshold-sensitive enable input is available to accurately
coordinate the start-up of the ISL78220 with any other voltage rail.

Features
• Peak current mode PWM Control with adjustable slope
compensation
• Precision resistor/DCR current sensing
• 2-, 3-, 4- or 6-phase operation
• Adjustable phase dropping/diode emulation/pulse skipping
for high efficiency at light load
• Phase dropping facilitated with companion FET driver
ISL78420 (featuring tri-level input control)
• Adjustable switching frequency or external synchronization
from 75kHz up to 1MHz per phase
• Over-temperature/overvoltage protection
• 2V ±1.0% internal reference
• Pb-free, 44 Ld 10x10 EP-TQFP package (RoHS compliant)
• -40°C to +125°C operating temperature range
• AEC Q100 qualified

Applications
• Automotive power supplies
- Start/stop DC/DC converter
- Electronic power steering systems (EPAS)
- Fuel pumps
- Injection system
• Audio trunk amplifier power supplies
• Telecom and industrial power supplies




Similar Part No. - ISL78220ANEZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78220ANEZ RENESAS-ISL78220ANEZ Datasheet
1Mb / 22P
6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
More results


Similar Description - ISL78220ANEZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6336B INTERSIL-ISL6336B Datasheet
1,020Kb / 31P
6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
August 31, 2010
ISL6336 INTERSIL-ISL6336 Datasheet
686Kb / 31P
6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
May 28, 2009
ISL78220 INTERSIL-ISL78220 Datasheet
807Kb / 22P
6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
December 15, 2011
ISL78225 INTERSIL-ISL78225 Datasheet
985Kb / 21P
4-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
December 15, 2011
logo
Texas Instruments
TPS53211 TI1-TPS53211 Datasheet
708Kb / 21P
Single-Phase PWM Controller with Light-Load Efficiency Optimization
logo
Intersil Corporation
ISL6336CRZ-T INTERSIL-ISL6336CRZ-T Datasheet
686Kb / 31P
6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
logo
Renesas Technology Corp
ISL78220 RENESAS-ISL78220 Datasheet
1Mb / 22P
6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
ISL78225 RENESAS-ISL78225 Datasheet
1Mb / 22P
4-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
ISL6336 RENESAS-ISL6336 Datasheet
1Mb / 32P
6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
ISL6336B RENESAS-ISL6336B Datasheet
1Mb / 32P
6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com