Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MASW-003100-1192 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASW-003100-1192 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASW-003100-1192
Download  MASW-003100-1192 Download
File Size   343.69 Kbytes
Page   9 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description HMIC??Silicon PIN Diode Switches

MASW-003100-1192 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-003100-1192 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASW-003100-1192
Download  MASW-003100-1192 Click to download

File Size   343.69 Kbytes
Page   9 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description HMIC??Silicon PIN Diode Switches

MASW-003100-1192 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASW-003100-1192 Product details

Description
The MASW-001100-1190, MASW-002100-1191 and MASW-003100-1192 are broadband monolithic switches using series and shunt connected silicon PIN diodes. They are designed for use as 2W, high performance switches in applications up to 26.5GHz. They provide performance levels superior to those realized by hybrid MIC designs incorporating beamlead and PIN chip diodes that require chip and wire assembly.
These switches are fabricated using M/A-COM’s patented HMICTM (Heterolithic Microwave Integrated Circuit) process, US Patent 5,268,310. This process allows the incorporation of silicon pedestals that form series and shunt diodes or vias by imbedding them in low loss, low dispersion glass. By using small spacing between elements, this combination of silicon and glass gives HMIC devices low loss and high isolation performance through low millimeter frequencies.

Features
♦ Broad Bandwidth
♦ Specified from 50MHz to 20GHz
♦ Usable from 50MHz to 26.5GHz
♦ Lower Insertion Loss / Higher Isolation
   than pHempt
♦ Rugged
♦ Fully Monolithic,
♦ Glass Encapsulated Construction
♦ Up to +33dBm C.W. Power Handling
♦ RoHS Compliant




Similar Part No. - MASW-003100-1192

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-003100-1192 MACOM-MASW-003100-1192 Datasheet
297Kb / 8P
Broadband Monolithic Silicon PIN Diode Switches
logo
M/A-COM Technology Solu...
MASW-003100-1192 MA-COM-MASW-003100-1192 Datasheet
343Kb / 9P
HMIC??Silicon PIN Diode Switches RoHs Compliant
MASW-003100-1192 MA-COM-MASW-003100-1192 Datasheet
343Kb / 9P
HMIC Silicon PIN Diode Switches
MASW-003100-1192 MA-COM-MASW-003100-1192 Datasheet
946Kb / 8P
HMIC Silicon PIN Diode Switches
MASW-003100-11920G MA-COM-MASW-003100-11920G Datasheet
343Kb / 9P
HMIC??Silicon PIN Diode Switches RoHs Compliant
More results


Similar Description - MASW-003100-1192

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-001100-1190 MA-COM-MASW-001100-1190_2 Datasheet
343Kb / 9P
HMIC Silicon PIN Diode Switches
MASW-002102-13580_V5 MA-COM-MASW-002102-13580_V5 Datasheet
152Kb / 7P
HMIC Silicon PIN Diode Switches
MASW-002102-003102 MA-COM-MASW-002102-003102 Datasheet
152Kb / 7P
HMIC??Silicon PIN Diode Switches
MA4SW110-210-310 MA-COM-MA4SW110-210-310 Datasheet
817Kb / 9P
HMIC??Silicon PIN Diode Switches
MA4SW210B-310B MA-COM-MA4SW210B-310B Datasheet
151Kb / 7P
HMIC??Silicon PIN Diode Switches
MASW-002102-003102 MA-COM-MASW-002102-003102_15 Datasheet
152Kb / 7P
HMIC??Silicon PIN Diode Switches
MASW-001100 MA-COM-MASW-001100_15 Datasheet
343Kb / 9P
HMIC Silicon PIN Diode Switches
MA4SW210B-310B MA-COM-MA4SW210B-310B_15 Datasheet
151Kb / 7P
HMIC Silicon PIN Diode Switches
MA4SW110 MA-COM-MA4SW110_15 Datasheet
906Kb / 9P
HMIC Silicon PIN Diode Switches
MASW-00X100 MA-COM-MASW-00X100 Datasheet
946Kb / 8P
HMIC Silicon PIN Diode Switches
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com