Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PGR20314 Datasheet (PDF) - Ericsson

PGR20314 Datasheet PDF - Ericsson
Part # PGR20314
Download  PGR20314 Download
File Size   343.04 Kbytes
Page   4 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description APD Receiver Module for 2.5 Gb/s

PGR20314 Datasheet (PDF)

Go To PDF Page Download Datasheet
PGR20314 Datasheet PDF - Ericsson

Part # PGR20314
Download  PGR20314 Click to download

File Size   343.04 Kbytes
Page   4 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description APD Receiver Module for 2.5 Gb/s

PGR20314 Datasheet (HTML) - Ericsson


PGR20314 Product details

Description
Fiber optic receiver front-end module for STM-16 and OC-48 applications. The module includes an InGaAs Avalanche Photo Diode (APD), with a low noise GaAs MMIC preamplifier in a 14 pin butterfly package.The module is equipped with an internal thermistor. The single-mode fiber pigtail is terminated with a customer specified connector. The module operates between 1250 and 1620 nm. The electrical output is AC-coupled, single ended and inverted i.e., light on equals logic low.

Key Features
• Hermetic, 14 pin butterfly package with multisourced footprint
• FC/PC, SC or ST connector
• InGaAs APD with low noise GaAs MMIC preamplifier
• AC-coupled, single-ended data output
• Operates between 1250 nm and 1620 nm
• 1.7 GHz typical bandwidth
• -34 dBm typical sensitivity
• -3 dBm typical overload

Applications
• SDH STM-16 LH
• SONET OC-48 LR
• Digital recievers to 2.5 Gb/s
• Analog receivers to 1.7 GHz




Similar Part No. - PGR20314

ManufacturerPart #DatasheetDescription
logo
Ericsson
PGR20312 ERICSSON-PGR20312 Datasheet
330Kb / 4P
APD Receiver Module up to 3 Gb/s
More results


Similar Description - PGR20314

ManufacturerPart #DatasheetDescription
logo
Ericsson
PGR20301 ERICSSON-PGR20301 Datasheet
342Kb / 4P
PIN Receiver Module for 2.5 Gb/s
PGR20312 ERICSSON-PGR20312 Datasheet
330Kb / 4P
APD Receiver Module up to 3 Gb/s
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
DFB/EA Laser Module for 2.5 Gb/s Applications
logo
California Eastern Labs
NR4210 CEL-NR4210 Datasheet
381Kb / 14P
InAlAs APD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS
NR4500BP-CC CEL-NR4500BP-CC Datasheet
98Kb / 3P
InGaAs APD WITH INTERNAL PREAMPLIFIER IN COAXIAL PACKAGE FOR 2.5 Gb/s APPLICATIONS
NR4510US CEL-NR4510US Datasheet
1Mb / 6P
InGaAs APD RECEIVER FOR 2.5 Gb/s ROSA WITH INTERNAL PRE-AMPLIFIER
logo
JDS Uniphase Corporatio...
RXAMDC5108101-003 JDSU-RXAMDC5108101-003 Datasheet
146Kb / 3P
2.5 Gb/s Front-Illuminated APD Chip
logo
California Eastern Labs
NR4500BP CEL-NR4500BP Datasheet
98Kb / 3P
InGaAs APD WITH INTERNAL PREAMPLIFIER IN COAXIAL PACKAGE FOR 2.5 Gb/s APPLICATIONS
NR4211TH CEL-NR4211TH Datasheet
930Kb / 7P
InAlAs APD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS
logo
Renesas Technology Corp
NR4510UR RENESAS-NR4510UR_15 Datasheet
213Kb / 9P
? 50 關m InGaAs APD RECEIVER FOR 2.5 Gb/s ROSA WITH INTERNAL PRE-AMPLIFIER
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com