Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FT24C08A-UTR-T Datasheet (PDF) - List of Unclassifed Manufacturers

FT24C08A-UTR-T Datasheet PDF - List of Unclassifed Manufacturers
Part # FT24C08A-UTR-T
Download  FT24C08A-UTR-T Download
File Size   322.04 Kbytes
Page   20 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)

FT24C08A-UTR-T Datasheet (PDF)

Go To PDF Page Download Datasheet
FT24C08A-UTR-T Datasheet PDF - List of Unclassifed Manufacturers

Part # FT24C08A-UTR-T
Download  FT24C08A-UTR-T Click to download

File Size   322.04 Kbytes
Page   20 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)

FT24C08A-UTR-T Datasheet (HTML) - List of Unclassifed Manufacturers


FT24C08A-UTR-T Product details

[Fremont Micro Devices Inc.]



DESCRIPTION

The FT24C04A/08A/16A series are 4096/8192/16384 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM. They are organized as 512/1024/2048 words of 8 bits (1 byte) each. The devices are fabricated with proprietary advanced CMOS process for low power and low voltage applications. These devices are available in standard 8-lead DIP, 8-lead SOP, 8-lead TSSOP, 8-lead DFN, 8-lead MSOP, and 5-lead SOT-23/TSOT-23 packages. A standard 2-wire serial interface is used to address all read and write functions. Our extended VCC range (1.8V to 5.5V) devices enables wide spectrum of applications.



FEATURES

❐ Low voltage and low power operations:

   • FT24C04A/08A/16A: VCC = 1.8V to 5.5V

❐ Maximum Standby current < 1µA (typically 0.02µA and 0.06µA @ 1.8V and 5.5V respectively).

❐ 16 bytes page write mode.

❐ Partial page write operation allowed.

❐ Internally organized: 512  8 (4K), 1024  8 (8K), 2048  8 (16K).

❐ Standard 2-wire bi-directional serial interface.

❐ Schmitt trigger, filtered inputs for noise protection.

❐ Self-timed Write Cycle (5ms maximum).

❐ 1 MHz (5V), 400 kHz (1.8V, 2.5V, 2.7V) Compatibility.

❐ Automatic erase before write operation.

❐ Write protect pin for hardware data protection.

❐ High reliability: typically 1, 000,000 cycles endurance.

❐ 100 years data retention.

❐ Industrial temperature range (-40o C to 85o C).

❐ Standard 8-pin DIP/SOP/TSSOP/DFN/MSOP and 5-pin SOT-23/TSOT-23 Pb-free packages.



 




Similar Part No. - FT24C08A-UTR-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT24C08A-UTR-T ETC2-FT24C08A-UTR-T Datasheet
322Kb / 20P
Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
More results


Similar Description - FT24C08A-UTR-T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
57Kb / 16P
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Hitachi Semiconductor
HN58X2402 HITACHI-HN58X2402 Datasheet
89Kb / 21P
Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
HN58X2402-SR HITACHI-HN58X2402-SR Datasheet
86Kb / 21P
Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Renesas Technology Corp
HN58X2408SI RENESAS-HN58X2408SI Datasheet
151Kb / 19P
Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit) 16k EEPROM (2-kword 횞 8-bit)
logo
ATMEL Corporation
AT24C04B ATMEL-AT24C04B Datasheet
690Kb / 26P
Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
logo
List of Unclassifed Man...
FT24C04A-USR-T ETC2-FT24C04A-USR-T Datasheet
322Kb / 20P
Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com