Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTB5605P Datasheet (PDF) - ON Semiconductor

NTB5605P Datasheet PDF - ON Semiconductor
Part # NTB5605P
Download  NTB5605P Download
File Size   144.77 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET -60 V, -18.5 A

NTB5605P Datasheet (PDF)

Go To PDF Page Download Datasheet
NTB5605P Datasheet PDF - ON Semiconductor

Part # NTB5605P
Download  NTB5605P Click to download

File Size   144.77 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET -60 V, -18.5 A

NTB5605P Datasheet (HTML) - ON Semiconductor


NTB5605P Product details

MOSFET – Power, P-Channel, D2PAK -60 V, -18.5 A

Features
• Designed for Low RDS(on)
• Withstands High Energy in Avalanche and Commutation Modes
• AEC Q101 Qualified − NTBV5605
• These Devices are Pb−Free and are RoHS Compliant

Applications
• Power Supplies
• PWM Motor Control
• Converters
• Power Management




Similar Part No. - NTB5605P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB5605P ONSEMI-NTB5605P Datasheet
62Kb / 8P
Power MOSFET
August, 2004 ??Rev. 1
NTB5605P ONSEMI-NTB5605P Datasheet
70Kb / 7P
Power MOSFET -60 Volt, -18.5 Amp
August, 2005 ??Rev. 2
NTB5605P ONSEMI-NTB5605P Datasheet
94Kb / 7P
Power MOSFET -60 Volt, -18.5 Amp
January, 2008 - Rev. 3
logo
Inchange Semiconductor ...
NTB5605P ISC-NTB5605P Datasheet
305Kb / 2P
isc P-Channel MOSFET Transistor
logo
ON Semiconductor
NTB5605PG ONSEMI-NTB5605PG Datasheet
70Kb / 7P
Power MOSFET -60 Volt, -18.5 Amp
August, 2005 ??Rev. 2
More results


Similar Description - NTB5605P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD3055-094 ONSEMI-NTD3055-094 Datasheet
76Kb / 10P
Power MOSFET 12 A, 60 V
August, 2004 ??Rev. 6
NTD3055-150 ONSEMI-NTD3055-150 Datasheet
67Kb / 8P
Power MOSFET 9.0 A, 60 V
August, 2004 ??Rev. 4
NTF3055L175 ONSEMI-NTF3055L175 Datasheet
66Kb / 6P
Power MOSFET 2.0 A, 60 V, Logic Level
February, 2004 ??Rev. 2
NTB5605P ONSEMI-NTB5605P_05 Datasheet
70Kb / 7P
Power MOSFET -60 Volt, -18.5 Amp
August, 2005 ??Rev. 2
NTTFS5820NL ONSEMI-NTTFS5820NL Datasheet
116Kb / 6P
Power MOSFET 60 V, 37 A, 11.5 m
April, 2010 ??Rev. 0
logo
Unisonic Technologies
UTT25P06 UTC-UTT25P06 Datasheet
150Kb / 3P
-60 V, -27.5 A P-CHANNEL POWER MOSFET
logo
ON Semiconductor
NVB60N06T4G ONSEMI-NVB60N06T4G Datasheet
165Kb / 9P
Power MOSFET 60 V, 60 A, N?묬hannel D2PAK
October, 2011 ??Rev. 0
NTTFS5116PLTAG ONSEMI-NTTFS5116PLTAG Datasheet
113Kb / 6P
Power MOSFET 60 V, 20 A, 52m
November, 2011 ??Rev. 1
NTB5605T4G ONSEMI-NTB5605T4G Datasheet
94Kb / 7P
Power MOSFET -60 Volt, -18.5 Amp
January, 2008 - Rev. 3
NTB60N06 ONSEMI-NTB60N06 Datasheet
216Kb / 10P
MOSFET – Power, N-Channel, D2PAK 60 V, 60 A
May, 2019 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com