Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP2100IRZT Datasheet (PDF) - Intersil Corporation

HIP2100IRZT Datasheet PDF - Intersil Corporation
Part # HIP2100IRZT
Download  HIP2100IRZT Download
File Size   392.58 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Drives N-Channel MOSFET Half Bridge

HIP2100IRZT Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP2100IRZT Datasheet PDF - Intersil Corporation

Part # HIP2100IRZT
Download  HIP2100IRZT Click to download

File Size   392.58 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Drives N-Channel MOSFET Half Bridge

HIP2100IRZT Datasheet (HTML) - Intersil Corporation


HIP2100IRZT Product details

The HIP2100 is a high frequency, 100V Half Bridge N-Channel power MOSFET driver IC. The low-side and high-side gate drivers are independently controlled and matched to 8ns. This gives the user maximum flexibility in dead-time selection and driver protocol. Undervoltage protection on both the low-side and high-side supplies force the outputs low. An on-chip diode eliminates the discrete diode required with other driver ICs. A new level-shifter topology yields the low-power benefits of pulsed operation with the safety of DC operation. Unlike some competitors, the high-side output returns to its correct state after a momentary undervoltage of the high-side supply.

Features
• Drives N-Channel MOSFET Half Bridge
• SOIC, EPSOIC, QFN and DFN Package Options
• SOIC, EPSOIC and DFN Packages Compliant with 100V Conductor
   Spacing Guidelines of IPC-2221
• Pb-Free Product Available (RoHS Compliant)
• Bootstrap Supply Max Voltage to 114VDC
• On-Chip 1ΩBootstrap Diode
• Fast Propagation Times for Multi-MHz Circuits
• Drives 1000pF Load with Rise and Fall Times Typ. 10ns
• CMOS Input Thresholds for Improved Noise Immunity
• Independent Inputs for Non-Half Bridge Topologies
• No Start-Up Problems
• Outputs Unaffected by Supply Glitches, HS Ringing Below Ground, or HS Slewing at High dv/dt
• Low Power Consumption
• Wide Supply Range
• Supply Undervoltage Protection
• 3ΩDriver Output Resistance
• QFN/DFN Package:
   - Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No Leads - Package Outline
   - Near Chip Scale Package footprint, which improves PCB efficiency and has a thinner profile

Applications
• Telecom Half Bridge Power Supplies
• Avionics DC-DC Converters
• Two-Switch Forward Converters
• Active Clamp Forward Converters




Similar Part No. - HIP2100IRZT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP2100IRZ INTERSIL-HIP2100IRZ Datasheet
348Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
HIP2100IRZ INTERSIL-HIP2100IRZ Datasheet
392Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
HIP2100IRZ INTERSIL-HIP2100IRZ Datasheet
392Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
HIP2100IRZ INTERSIL-HIP2100IRZ Datasheet
392Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
HIP2100IRZ INTERSIL-HIP2100IRZ Datasheet
387Kb / 13P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
August 31, 2015
More results


Similar Description - HIP2100IRZT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9976DY VISHAY-SI9976DY Datasheet
113Kb / 5P
N-Channel Half-Bridge Driver
05-Apr-99
logo
Linear Technology
LT1158 LINER-LT1158 Datasheet
426Kb / 20P
Half Bridge N-Channel Power MOSFET Driver
logo
Vishay Siliconix
SI4500BDY VISHAY-SI4500BDY_06 Datasheet
124Kb / 9P
Complementary MOSFET Half-Bridge (N- and P-Channel)
12-Jun-06
logo
Linear Integrated Syste...
LT1160 LINEAR-LT1160_1 Datasheet
229Kb / 16P
Half-/Full-Bridge N-Channel Power MOSFET Drivers
logo
Guangdong Kexin Industr...
KI4501DY KEXIN-KI4501DY Datasheet
58Kb / 2P
Complementary MOSFET Half-Bridge (N- and P-Channel)
KI4500BDY KEXIN-KI4500BDY Datasheet
57Kb / 2P
Complementary MOSFET Half-Bridge (N- and P-Channel)
logo
Linear Dimensions Semic...
LT1158CSW LINEAR_DIMENSIONS-LT1158CSW Datasheet
250Kb / 22P
Half Bridge N-Channel Power MOSFET Driver
LT1158ISW LINEAR_DIMENSIONS-LT1158ISW Datasheet
250Kb / 22P
Half Bridge N-Channel Power MOSFET Driver
logo
Linear Technology
LT1158 LINER-LT1158_15 Datasheet
250Kb / 22P
Half Bridge N-Channel Power MOSFET Driver
logo
Vishay Siliconix
SI9976 VISHAY-SI9976_V01 Datasheet
106Kb / 7P
N-Channel Half-Bridge Driver
19-Apr-04
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com