Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SK1658 Datasheet (PDF) - NEC

2SK1658 Datasheet PDF - NEC
Part # 2SK1658
Download  2SK1658 Download
File Size   392.86 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description N-CHANNEL MOS FET FOR SWITCHING

2SK1658 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK1658 Datasheet PDF - NEC

Part # 2SK1658
Download  2SK1658 Click to download

File Size   392.86 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description N-CHANNEL MOS FET FOR SWITCHING

2SK1658 Datasheet (HTML) - NEC


2SK1658 Product details

DESCRIPTION

The 2SK1658 is an N -channel vertical type MOS FET which can be driven by 2.5 V power supply.

As the MOS FET is low Gate Leakage Current, it is suitable for appliances including Filter Circuit.



FEATURES

• Directly driven by ICs having a 3 V power supply.

• Has low Gate Leakage Current

  IGSS = ±5 nA MAX. (VGS = ±3.0 V)

 



 




Similar Part No. - 2SK1658

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SK1658 JIANGSU-2SK1658 Datasheet
1Mb / 5P
N-channel MOSFET
logo
Renesas Technology Corp
2SK1658 RENESAS-2SK1658 Datasheet
915Kb / 7P
MOS FIELD EFFECT TRANSISTOR
1991
logo
TECH PUBLIC Electronics...
2SK1658-TP TECHPUBLIC-2SK1658-TP Datasheet
2Mb / 5P
N-Channel POWER MOSFET
More results


Similar Description - 2SK1658

ManufacturerPart #DatasheetDescription
logo
NEC
2SK1484 NEC-2SK1484 Datasheet
267Kb / 6P
N-CHANNEL MOS FET FOR SWITCHING
2SK1485 NEC-2SK1485 Datasheet
288Kb / 6P
N-CHANNEL MOS FET FOR SWITCHING
2SK1586 NEC-2SK1586 Datasheet
312Kb / 6P
N-CHANNEL MOS FET FOR SWITCHING
2SK1587 NEC-2SK1587 Datasheet
284Kb / 6P
N-CHANNEL MOS FET FOR SWITCHING
2SK1591 NEC-2SK1591 Datasheet
391Kb / 6P
N-CHANNEL MOS FET FOR SWITCHING
2SK1592 NEC-2SK1592 Datasheet
316Kb / 6P
N-CHANNEL MOS FET FOR SWITCHING
2SK1657 NEC-2SK1657 Datasheet
359Kb / 6P
N-CHANNEL MOS FET FOR SWITCHING
2SK1824 NEC-2SK1824 Datasheet
63Kb / 6P
N-CHANNEL MOS FET FOR SWITCHING
2SK1590 NEC-2SK1590 Datasheet
250Kb / 6P
N-CHANNEL MOS FET FOR SWITCHING
2SK1581 NEC-2SK1581 Datasheet
239Kb / 8P
N-CHANNEL MOS FET FOR SWITCHING
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com