Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SK2148-01R Datasheet (PDF) - Fuji Electric

2SK2148-01R Datasheet PDF - Fuji Electric
Part # 2SK2148-01R
Download  2SK2148-01R Download
File Size   193.78 Kbytes
Page   2 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description N-channel MOS-FET

2SK2148-01R Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2148-01R Datasheet PDF - Fuji Electric

Part # 2SK2148-01R
Download  2SK2148-01R Click to download

File Size   193.78 Kbytes
Page   2 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description N-channel MOS-FET

2SK2148-01R Datasheet (HTML) - Fuji Electric


2SK2148-01R Product details

600V 0,75W 12A 80W



>Features

- High Speed Switching

- Low On-Resistance

- No Secondary Breakdown

- Low Driving Power

- High Voltage

- VGS= ± 30V Guarantee

- Avalanche Proof



>Applications

- Switching Regulators

- UPS

- DC-DC converters

- General Purpose Power Amplifier




Similar Part No. - 2SK2148-01R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK2148-01 FUJI-2SK2148-01 Datasheet
197Kb / 2P
N-channel MOS-FET
logo
Inchange Semiconductor ...
2SK2148-01 ISC-2SK2148-01 Datasheet
305Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - 2SK2148-01R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK1085-M FUJI-2SK1085-M Datasheet
179Kb / 2P
N-channel MOS-FET
2SK1278 FUJI-2SK1278 Datasheet
189Kb / 2P
N-channel MOS-FET
2SK1822-01M FUJI-2SK1822-01M Datasheet
185Kb / 2P
N-channel MOS-FET
2SK1881-L FUJI-2SK1881-L Datasheet
203Kb / 2P
N-channel MOS-FET
logo
Sanken electric
FKP202 SANKEN-FKP202 Datasheet
306Kb / 9P
N-Channel MOS FET
SKP202 SANKEN-SKP202 Datasheet
294Kb / 9P
N-Channel MOS FET
FKP250A SANKEN-FKP250A Datasheet
314Kb / 9P
N-Channel MOS FET
FKP280A SANKEN-FKP280A Datasheet
377Kb / 9P
N-Channel MOS FET
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
Silicon N Channel MOS FET Silicon N Channel MOS FET
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com