Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZW06-102 Datasheet (PDF) - STMicroelectronics

BZW06-102 Datasheet PDF - STMicroelectronics
Part # BZW06-102
Download  BZW06-102 Download
File Size   176.78 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PEAK PULSE POWER 600 W (10/1000ms)

BZW06-102 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZW06-102 Datasheet PDF - STMicroelectronics

Part # BZW06-102
Download  BZW06-102 Click to download

File Size   176.78 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PEAK PULSE POWER 600 W (10/1000ms)

BZW06-102 Datasheet (HTML) - STMicroelectronics


BZW06-102 Product details

Description
Transil diodes provide high overvoltage protection by clamping action.
Their instantaneous response to transient overvoltages makes them particularly suited to protect voltage sensitive devices such as MOS technology and low voltage supplied IC’s.

Features
● 600 W peak pulse power (10/1000 µs)
● Stand-off voltage range 5.8 to 376 V
● Unidirectional and bidirectional types
● Low clamping factor
● Fast response time
● UL recognized, file: E136224




Similar Part No. - BZW06-102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW06-102 STMICROELECTRONICS-BZW06-102 Datasheet
172Kb / 6P
TRANSIL
Feb-2003
logo
Diotec Semiconductor
BZW06-102 DIOTEC-BZW06-102 Datasheet
143Kb / 3P
Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW06-102 SEMIKRON-BZW06-102 Datasheet
151Kb / 3P
Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
Taiwan Semiconductor Co...
BZW06-102 TSC-BZW06-102 Datasheet
82Kb / 4P
Transient Voltage Suppressor Diodes
BZW06-102 TSC-BZW06-102 Datasheet
329Kb / 4P
600 Watts Transient Voltage Suppressor Diodes
More results


Similar Description - BZW06-102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW04-28B STMICROELECTRONICS-BZW04-28B Datasheet
124Kb / 6P
PEAK PULSE POWER : 400 W (10/1000ms)
Feb-2003
BZW06-10BRL STMICROELECTRONICS-BZW06-10BRL Datasheet
176Kb / 6P
PEAK PULSE POWER 600 W (10/1000ms)
Feb-2003
logo
XP Power Limited
SDF XPPOWER-SDF Datasheet
548Kb / 4P
Up to 600 W Peak Power
FCM XPPOWER-FCM Datasheet
220Kb / 2P
400 W Continuous, 600 W Peak
logo
Microdiode Semiconducto...
P6SMB CHENDA-P6SMB Datasheet
2Mb / 4P
6.8-550 Volts Peak pulse power: 600 Watts
logo
E-CMOS Corporation
P6KE E-CMOS-P6KE Datasheet
358Kb / 5P
Breakdown Voltage: 6.8 to 600 V Peak Pulse Power: 600 W
SMBJ E-CMOS-SMBJ Datasheet
969Kb / 5P
Working Voltage: 5.0 to 440 V Peak Pulse Power: 600 W
logo
Jinan Jing Heng Electro...
P6KE6.8A JINGHENG-P6KE6.8A Datasheet
133Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
logo
Guangdong Youtai Semico...
PESD2CAN UMW-PESD2CAN Datasheet
310Kb / 4P
250 W peak pulse power (tp =8/20μs)
PESD5V2S2UT UMW-PESD5V2S2UT Datasheet
492Kb / 4P
300 W peak pulse power (tp = 8/20μs)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com