Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB15F02 Datasheet (PDF) - fujitsu semiconductor

MB15F02 Datasheet PDF - fujitsu semiconductor
Part # MB15F02
Download  MB15F02 Download
File Size   202.21 Kbytes
Page   24 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Dual Serial Input PLL Frequency Synthesizer

MB15F02 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB15F02 Datasheet PDF - fujitsu semiconductor

Part # MB15F02
Download  MB15F02 Click to download

File Size   202.21 Kbytes
Page   24 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Dual Serial Input PLL Frequency Synthesizer

MB15F02 Datasheet (HTML) - fujitsu semiconductor


MB15F02 Product details

■ DESCRIPTION

The Fujitsu MB15F02 is a serial input Phase Locked Loop (PLL) frequency synthesizer with a 2.0 GHz and a 500 MHz prescalers. A 64/65 or a 128/129 for the 1.2 GHz prescaler, and a 16/17 or a 32/33 for 500 MHz prescaler can be selected that enables pulse swallow operation.

The latest BiCMOS process technology is used, resuItantly a supply current is limited as low as 6.0 mA typ. at a supply voltage of 3.0 V. Furthermore, a super charger circuit is included to provide a fast tuning as well as low noise performance. As a result of this, MB15F02 is ideally suitable for digital mobile communications, such as GSM (Global System for Mobile Communications).



■ FEATURES

• High frequency operation RF synthesizer : 1.2 GHz max.

IF synthesizer : 500 MHz max.

• Low power supply voltage: VCC = 2.7 to 3.6V

• Very Low power supply current : ICC = 6.0 mA typ. (VCC = 3 V)

• Power saving function : IPS1 = IPS2 = 0.1 µA typ.

• Serial input 14–bit programmable reference divider: R = 5 to 16,383

• Serial input 18–bit programmable divider consisting of:

- Binary 7–bit swallow counter: 0 to 127

- Binary 11–bit programmable counter: 5 to 2,047

• On–chip high performance charge pump circuit and phase comparator, achieving high–speed lock–up and

low phase noise

• Wide operating temperature: Ta = −40 to 85°C

• Plastic 16-pin SSOP package (FPT-16P-M05) and 16-pin BCC package (LCC-16P-M03)




Similar Part No. - MB15F02

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB15F02L FUJITSU-MB15F02L Datasheet
266Kb / 24P
Dual Serial Input PLL Frequency Synthesizer
MB15F02LPFV1 FUJITSU-MB15F02LPFV1 Datasheet
266Kb / 24P
Dual Serial Input PLL Frequency Synthesizer
MB15F02LPV FUJITSU-MB15F02LPV Datasheet
266Kb / 24P
Dual Serial Input PLL Frequency Synthesizer
MB15F02SL FUJITSU-MB15F02SL Datasheet
228Kb / 25P
Dual Serial Input PLL Frequency Synthesizer
MB15F02SLPFV1 FUJITSU-MB15F02SLPFV1 Datasheet
228Kb / 25P
Dual Serial Input PLL Frequency Synthesizer
More results


Similar Description - MB15F02

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB15F02L FUJITSU-MB15F02L Datasheet
266Kb / 24P
Dual Serial Input PLL Frequency Synthesizer
MB15F02SL FUJITSU-MB15F02SL Datasheet
228Kb / 25P
Dual Serial Input PLL Frequency Synthesizer
MB15F03 FUJITSU-MB15F03 Datasheet
192Kb / 22P
Dual Serial Input PLL Frequency Synthesizer
MB15F03L FUJITSU-MB15F03L Datasheet
273Kb / 24P
Dual Serial Input PLL Frequency Synthesizer
MB15F07SL FUJITSU-MB15F07SL Datasheet
244Kb / 27P
Dual Serial Input PLL Frequency Synthesizer
MB15F08SL FUJITSU-MB15F08SL Datasheet
239Kb / 27P
Dual Serial Input PLL Frequency Synthesizer
MB15F72SP FUJITSU-MB15F72SP Datasheet
286Kb / 27P
Dual Serial Input PLL Frequency Synthesizer
MB1519 FUJITSU-MB1519 Datasheet
133Kb / 16P
DUAL SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB15F72UL FUJITSU-MB15F72UL Datasheet
279Kb / 27P
Dual Serial Input PLL Frequency Synthesizer
MB15F74UV FUJITSU-MB15F74UV_04 Datasheet
231Kb / 25P
Dual Serial Input PLL Frequency Synthesizer
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com