Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB40730 Datasheet (PDF) - fujitsu semiconductor

MB40730 Datasheet PDF - fujitsu semiconductor
Part # MB40730
Download  MB40730 Download
File Size   406.52 Kbytes
Page   16 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 1 CHANNEL 10-BIT D/A CONVERTER

MB40730 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB40730 Datasheet PDF - fujitsu semiconductor

Part # MB40730
Download  MB40730 Click to download

File Size   406.52 Kbytes
Page   16 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 1 CHANNEL 10-BIT D/A CONVERTER

MB40730 Datasheet (HTML) - fujitsu semiconductor


MB40730 Product details

MB40730 is a low-power consumption, high-speed 10-bit D/A converter.
The MB40730 is characterized by ECL (10 kH) compatible digital inputs, an analog output voltage from -2 to 0 V, and a maximum conversion rate of 60 MHz. It provides a reference voltage from a potential divider and band-gap reference, and can also use an external reference voltage.
The MB40730 D/A converter is suitable for high-resolution TVs or VTRs.

• Resolution: 10 bits
• Conversion characteristics:
    -Maximum conversion rate: 60 MHz (Minimum)
    -Linearity error: ±0.1 % (Maximum)
    -Differential linearity error: ±0.1 % (Maximum)
• Input and output:
    -Digital input voltage: ECL (10 kH) levels
    -Analog output voltage: 2 Vp-p (-2 V to 0 V)
• Reference voltage:
    -VROUT1: Potential divider circuit (VEEA 2/5.2)
    -VROUT2: Band-gap reference circuit (-2 V)
• Others:
    - Supply voltage: -5.2 V single power supply
    - Power dissipation: 180 mW (Typical value at analog output voltage 2 Vp-p)
                                     140 mW (Typical value at analog output voltage 1 Vp-p)




Similar Part No. - MB40730

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB4072 FUJITSU-MB4072 Datasheet
89Kb / 8P
1 CHANNEL 8-BIT D/A CONVERTER
MB40760 FUJITSU-MB40760 Datasheet
129Kb / 17P
1CHANNEL 10-BIT D/A CONVERTER
MB40768H FUJITSU-MB40768H Datasheet
132Kb / 16P
D/A Converter (1-ch, 8-bit, 60 MSPS)
MB40768HP FUJITSU-MB40768HP Datasheet
132Kb / 16P
D/A Converter (1-ch, 8-bit, 60 MSPS)
MB40768HPF FUJITSU-MB40768HPF Datasheet
132Kb / 16P
D/A Converter (1-ch, 8-bit, 60 MSPS)
More results


Similar Description - MB40730

ManufacturerPart #DatasheetDescription
logo
NEC
UPC667 NEC-UPC667 Datasheet
73Kb / 12P
10-BIT D/A CONVERTER
logo
Analog Devices
AD571 AD-AD571 Datasheet
295Kb / 8P
10-Bit A/D Converter
logo
fujitsu semiconductor
MB40528 FUJITSU-MB40528 Datasheet
301Kb / 14P
1 Channel 8-bit A/D Converter
MB4072 FUJITSU-MB4072 Datasheet
89Kb / 8P
1 CHANNEL 8-BIT D/A CONVERTER
MB40950 FUJITSU-MB40950 Datasheet
215Kb / 11P
3-Channel 10-Bit D/A Converter
logo
National Semiconductor ...
ADC104S101 NSC-ADC104S101 Datasheet
964Kb / 19P
4 Channel, 1 MSPS, 10-Bit A/D Converter
logo
Toshiba Semiconductor
TC35083P TOSHIBA-TC35083P Datasheet
305Kb / 11P
10-BIT A-D CONVERTER
logo
fujitsu semiconductor
MB40776 FUJITSU-MB40776 Datasheet
283Kb / 11P
1 Channel 6-bit D/A converter
MB40778 FUJITSU-MB40778 Datasheet
266Kb / 9P
1 Channel 8-bit D/A Converter
logo
Texas Instruments
ADC101S101 TI1-ADC101S101 Datasheet
1Mb / 23P
Single Channel, 0.5 to 1 Msps, 10-Bit A/D Converter
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com