Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AA1102W-TR Datasheet (PDF) - STANLEY ELECTRIC CO.,LTD.

AA1102W-TR Datasheet PDF - STANLEY ELECTRIC CO.,LTD.
Part # AA1102W-TR
Download  AA1102W-TR Download
File Size   724.34 Kbytes
Page   21 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Single Color 3216 Type

AA1102W-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
AA1102W-TR Datasheet PDF - STANLEY ELECTRIC CO.,LTD.

Part # AA1102W-TR
Download  AA1102W-TR Click to download

File Size   724.34 Kbytes
Page   21 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Single Color 3216 Type

AA1102W-TR Datasheet (HTML) - STANLEY ELECTRIC CO.,LTD.


AA1102W-TR Product details

Features
Product features
• Outer Dimension 3.0 x 1.5 x 1.5mm ( L x W x H )
• Temperature range
    Storage Temperature : -40℃~ 100℃
    Operating Temperature : -30℃~ 85℃
• Lead–free soldering compatible
• RoHS compliant




Similar Part No. - AA1102W-TR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
AA1102W STANLEY-AA1102W Datasheet
679Kb / 21P
Outer Dimension 3.0 x 1.5 x 1.5mm
More results


Similar Description - AA1102W-TR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
HBG1105W STANLEY-HBG1105W Datasheet
542Kb / 21P
Single Color 3216 Dome Lenz Type
YPY1104B STANLEY-YPY1104B Datasheet
259Kb / 18P
Single Color High Brightness Type
BR1101W-TR STANLEY-BR1101W-TR Datasheet
724Kb / 21P
Single Color 3216 Type
HPG1105W-TR STANLEY-HPG1105W-TR Datasheet
549Kb / 21P
Single Color 3216 Dome Lenz Type
AY1112H-TR STANLEY-AY1112H-TR Datasheet
431Kb / 21P
Single Color 2125 Type
FY1112H-TR STANLEY-FY1112H-TR Datasheet
368Kb / 20P
Single Color High Brightness Type
PY1101W-TR STANLEY-PY1101W-TR Datasheet
724Kb / 21P
Single Color 3216 Type
PY1102W-TR STANLEY-PY1102W-TR Datasheet
724Kb / 21P
Single Color 3216 Type
BG1111R STANLEY-BG1111R Datasheet
441Kb / 21P
Single Color 3216 Reverse Mount Type
VFJY1105W-4C92D-TR STANLEY-VFJY1105W-4C92D-TR Datasheet
736Kb / 21P
3216 size Dome Lens Type, Yellow color emitting LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com