Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H9170-75 Datasheet (PDF) - Hamamatsu Corporation

H9170-75 Datasheet PDF - Hamamatsu Corporation
Part # H9170-75
Download  H9170-75 Download
File Size   339.76 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description NIR-PMT MODULE

H9170-75 Datasheet (PDF)

Go To PDF Page Download Datasheet
H9170-75 Datasheet PDF - Hamamatsu Corporation

Part # H9170-75
Download  H9170-75 Click to download

File Size   339.76 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description NIR-PMT MODULE

H9170-75 Datasheet (HTML) - Hamamatsu Corporation


H9170-75 Product details

Wavelength Range: 950 nm to 1400 nm / 950 nm to 1700 nm, TE cooled, High Speed, Suitable for Photon counting

OVER VIEW
Hamamatsu has developed a highly sensitive semitransparent NIR photocathode by the novel photocathode technology.
We have adopted this technology to a compact photomultiplier tube (PMT) and have developed a PMT module with the air cooled TE cooler and high voltage power supply with protection circuit. No liquid nitrogen or cooling water is necessary. The cooling unit is equipped with a condensor lens that allows large input area for easy optical coupling. Adaptors for optical fiber or monochromator are available as an option.

FEATURES
● High Sensitivity (Capable of Photon Counting)
● Fast Time Response
   Rise Time: 900 ps, TTS: 300 ps
● Compact
● Simple Operation by Air Cooled TE Cooler
   No Liquid Nitrogen, No Cooling Water in Necessary
● Operable in 20 min after Swiched ON
● Large Detection Area
   19 mm for Collimated Light
● HV Power Supply with Interlock Function
● Mechanical Shutter
● Optional Adaptors are Available.
   For Optical Fiber (FC type)
   For Monochromator

APPLICATIONS
● Photoluminescence
● Singlet Oxygen Measurement
● Raman Spectroscopy
● Cathodoluminescence
● Fluorescence, Fluorescence Life Time
● LIDAR




Similar Part No. - H9170-75

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
H912 GILWAY-H912 Datasheet
229Kb / 3P
6.35mm Base Lampholders
H912-220 GILWAY-H912-220 Datasheet
229Kb / 3P
6.35mm Base Lampholders
H912-260 GILWAY-H912-260 Datasheet
229Kb / 3P
6.35mm Base Lampholders
H912-460 GILWAY-H912-460 Datasheet
229Kb / 3P
6.35mm Base Lampholders
H912-M3 GILWAY-H912-M3 Datasheet
229Kb / 3P
6.35mm Base Lampholders
More results


Similar Description - H9170-75

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5509-42 HAMAMATSU-R5509-42 Datasheet
391Kb / 12P
NIR PHOTOMULTIPLIER TUBES
logo
List of Unclassifed Man...
AD500-9 ETC1-AD500-9 Datasheet
215Kb / 2P
Avalanche Photodiode NIR
logo
Hamamatsu Corporation
R5509-43 HAMAMATSU-R5509-43_05 Datasheet
103Kb / 4P
NIR PHOTOMULTIPLIER TUBES
logo
Roithner LaserTechnik G...
SSO-AD-500NIR-TO52 ROITHNER-SSO-AD-500NIR-TO52 Datasheet
53Kb / 2P
Avalanche Photodiode NIR
SSO-AD-500NIR-TO52-S1 ROITHNER-SSO-AD-500NIR-TO52-S1 Datasheet
136Kb / 2P
Avalanche Photodiode NIR
logo
Hamamatsu Corporation
H11460-03 HAMAMATSU-H11460-03 Datasheet
542Kb / 12P
LINEAR ARRAY MULTIANODE PMT ASSEMBLY AND MODULE
H10330B-25 HAMAMATSU-H10330B-25_15 Datasheet
419Kb / 4P
THERMOELECTRIC COOLED NIR-PMT UNIT
logo
PHOENIX CONTACT
2321884 PHOENIX-2321884 Datasheet
130Kb / 6P
Passive module - FLKM-2KS50/PMT/ADV151/YCS
2321923 PHOENIX-2321923 Datasheet
157Kb / 17P
Passive module - FLKM-2KS50/PMT/ADV151/Z/YCS
2321981 PHOENIX-2321981 Datasheet
160Kb / 20P
Passive module - FLKM-2KS40/PMT/ST/YCS
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com