Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

4AK26 Datasheet (PDF) - Hitachi Semiconductor

4AK26 Datasheet PDF - Hitachi Semiconductor
Part # 4AK26
Download  4AK26 Download
File Size   52.89 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon N-Channel Power MOS FET Array

4AK26 Datasheet (PDF)

Go To PDF Page Download Datasheet
4AK26 Datasheet PDF - Hitachi Semiconductor

Part # 4AK26
Download  4AK26 Click to download

File Size   52.89 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon N-Channel Power MOS FET Array

4AK26 Datasheet (HTML) - Hitachi Semiconductor


4AK26 Product details

 



Silicon N-Channel Power MOS FET Array



Features

•  Low on-resistance

   RDS(on) ≤0.06  , VGS = 10 V, ID= 5 A

   RDS(on) ≤0.075  , VGS = 4 V, ID= 5 A

•  Capable of 4 V gate drive

•  Low drive current

•  High speed switching

•  High density mounting

•  Suitable for motor driver and solenoid driver and lamp driver



Application

High speed power switching




Similar Part No. - 4AK26

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
4AK20 HITACHI-4AK20 Datasheet
36Kb / 6P
Silicon N-Channel Power MOS FET Array
4AK21 HITACHI-4AK21 Datasheet
36Kb / 6P
Silicon N-Channel Power MOS FET Array
4AK22 HITACHI-4AK22 Datasheet
36Kb / 6P
Silicon N-Channel Power MOS FET Array
4AK23 HITACHI-4AK23 Datasheet
40Kb / 6P
Silicon N-Channel Power MOS FET Array
4AK25 HITACHI-4AK25 Datasheet
39Kb / 6P
Silicon N-Channel Power MOS FET Array
More results


Similar Description - 4AK26

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
4AK15 HITACHI-4AK15 Datasheet
49Kb / 9P
Silicon N-Channel Power MOS FET Array
4AK16 HITACHI-4AK16 Datasheet
50Kb / 9P
Silicon N-Channel Power MOS FET Array
4AK17 HITACHI-4AK17 Datasheet
50Kb / 9P
Silicon N-Channel Power MOS FET Array
4AK18 HITACHI-4AK18 Datasheet
49Kb / 9P
Silicon N-Channel Power MOS FET Array
4AK20 HITACHI-4AK20 Datasheet
36Kb / 6P
Silicon N-Channel Power MOS FET Array
4AK21 HITACHI-4AK21 Datasheet
36Kb / 6P
Silicon N-Channel Power MOS FET Array
4AK22 HITACHI-4AK22 Datasheet
36Kb / 6P
Silicon N-Channel Power MOS FET Array
4AK23 HITACHI-4AK23 Datasheet
40Kb / 6P
Silicon N-Channel Power MOS FET Array
4AK25 HITACHI-4AK25 Datasheet
39Kb / 6P
Silicon N-Channel Power MOS FET Array
4AM11 HITACHI-4AM11 Datasheet
125Kb / 10P
Silicon N-Channel/P-Channel Power MOS FET Array
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com