Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD155111F Datasheet (PDF) - Hitachi Semiconductor

HD155111F Datasheet PDF - Hitachi Semiconductor
Part # HD155111F
Download  HD155111F Download
File Size   473.65 Kbytes
Page   44 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description RF Single-chip Linear IC for PCN Cellular Systems

HD155111F Datasheet (PDF)

Go To PDF Page Download Datasheet
HD155111F Datasheet PDF - Hitachi Semiconductor

Part # HD155111F
Download  HD155111F Click to download

File Size   473.65 Kbytes
Page   44 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description RF Single-chip Linear IC for PCN Cellular Systems

HD155111F Datasheet (HTML) - Hitachi Semiconductor


HD155111F Product details

Description
The HD155111F was developed for PCN (DCS1800) cellular systems, and integrates most of the functions of a transceiver. The HD155111F incorporates the bias circuit for a RF LNA, a 1st mixer, 1st-IF amplifier, 2nd mixer, AGC amplifier and an IQ quadrature demodulator for the receiver, and an IQ quadrature modulator and offset PLL for the transmitter. Also, on chip are the dividers for the 1st & 2nd local oscillator signals and 90˚ phase splitter. Moreover the HD155111F includes control circuits to implement power saving modes. These functions can operate down to 2.7 V and are housed in a 48-pin LQFP SMD package.

Features
• Highly integrated RF processing for hand-portables
• Wide operating frequency
   RX:
   ― RF: 1805 to 1880 MHz
   ― 1st IF: 130 to 300 MHz
   ― 2nd IF: 26 to 60 MHz
   TX:
   ― RF: 1710 to 1785 MHz
   ― IF: 120 to 180 MHz
• Offset PLL architecture reduces TX spurious
• Low current consumption (Vcc = 3 V)
   RX mode: 42.5 mA Typ (including IFVCO current (2.5 mA Typ)) + LNA transistor current (5.6 mA Typ)
   TX mode: 38.0 mA Typ (including IFVCO current (2.5 mA Typ))
   Idle mode: 1 µA Typ
• Operating supply voltage:
   ― Phase comparator and TX VCO driver circuits: 2.7 to 5.25 V
   ― Other blocks: 2.7 to 3.6 V
• Operating temperature range: –20 to +75°C
• 48 pin SMD Low Profile Quad Flat Package (LQFP): FP-48




Similar Part No. - HD155111F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD155101BF HITACHI-HD155101BF Datasheet
549Kb / 50P
RF Single-chip Linear IC for GSM and EGSM Systems
HD155121F HITACHI-HD155121F Datasheet
429Kb / 57P
RF Transceiver IC for GSM and PCN Dual band cellular systems
More results


Similar Description - HD155111F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8538SH PANASONIC-AN8538SH Datasheet
50Kb / 5P
Single PLL IC for cellular phone
logo
Rohm
BU8730KV ROHM-BU8730KV Datasheet
215Kb / 10P
Linear codec IC for digital cellular telephones
logo
Siemens Semiconductor G...
BFP136W SIEMENS-BFP136W Datasheet
60Kb / 7P
NPN Silicon RF Transistor (For power amplifier in DECT and PCN systems)
logo
Hitachi Semiconductor
HD155101BF HITACHI-HD155101BF Datasheet
549Kb / 50P
RF Single-chip Linear IC for GSM and EGSM Systems
HD155121F HITACHI-HD155121F Datasheet
429Kb / 57P
RF Transceiver IC for GSM and PCN Dual band cellular systems
logo
Maxim Integrated Produc...
MAX1727 MAXIM-MAX1727 Datasheet
403Kb / 15P
GSM Cellular/PCN Handset RF Power Management IC
Rev 0; 12/00
logo
Freescale Semiconductor...
MHL9838N FREESCALE-MHL9838N Datasheet
72Kb / 5P
Cellular Band RF Linear LDMOS Amplifier
logo
Sanyo Semicon Device
LA1776M SANYO-LA1776M Datasheet
544Kb / 41P
Monolithic Linear IC Single-Chip Tuner IC for Car Radios
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
Monolithic Linear IC For Home Stereo Single-chip Tuner IC
logo
Toshiba Semiconductor
TC32306FTG TOSHIBA-TC32306FTG Datasheet
1Mb / 102P
Single-Chip RF Transceiver for Low-Power Systems
2015-10-01
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com