Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PF01412A Datasheet (PDF) - Hitachi Semiconductor

PF01412A Datasheet PDF - Hitachi Semiconductor
Part # PF01412A
Download  PF01412A Download
File Size   25.87 Kbytes
Page   4 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description MOS FET Power Amplifier Module for E-GSM Handy Phone

PF01412A Datasheet (PDF)

Go To PDF Page Download Datasheet
PF01412A Datasheet PDF - Hitachi Semiconductor

Part # PF01412A
Download  PF01412A Click to download

File Size   25.87 Kbytes
Page   4 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description MOS FET Power Amplifier Module for E-GSM Handy Phone

PF01412A Datasheet (HTML) - Hitachi Semiconductor


PF01412A Product details

Features
• High gain 3stage amplifier : 0 dBm input
• Lead less thin & Small package : 2 mm Max, 0.2cc
• High efficiency : 45% Typ at 3.8 W
• Wide gain control range : 90 dB Typ

Application
• For GSM class4 890 to 915 MHz
• For 5.5V nominal DC/DC converter use




Similar Part No. - PF01412A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF01410 HITACHI-PF01410 Datasheet
25Kb / 4P
MOS FET Power Amplifier Module for GSM Handy Phone
PF01410A HITACHI-PF01410A Datasheet
25Kb / 4P
MOS FET Power Amplifier Module for GSM Handy Phone
PF01411 HITACHI-PF01411 Datasheet
25Kb / 4P
MOS FET Power Amplifier Module for E-GSM Handy Phone
PF01411A HITACHI-PF01411A Datasheet
25Kb / 4P
MOS FET Power Amplifier Module for E-GSM Handy Phone
PF01411B HITACHI-PF01411B Datasheet
26Kb / 4P
MOS FET Power Amplifier Module for E-GSM Handy Phone
More results


Similar Description - PF01412A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF00105A HITACHI-PF00105A Datasheet
62Kb / 11P
MOS FET Power Amplifier Module for AMPS Handy Phone
PF01410A HITACHI-PF01410A Datasheet
25Kb / 4P
MOS FET Power Amplifier Module for GSM Handy Phone
PF01411A HITACHI-PF01411A Datasheet
25Kb / 4P
MOS FET Power Amplifier Module for E-GSM Handy Phone
PF01411B HITACHI-PF01411B Datasheet
26Kb / 4P
MOS FET Power Amplifier Module for E-GSM Handy Phone
PF0415A HITACHI-PF0415A Datasheet
32Kb / 5P
MOS FET Power Amplifier Module for PCS 1900 Handy Phone
logo
Renesas Technology Corp
E2081606_PF08127B RENESAS-E2081606_PF08127B Datasheet
183Kb / 16P
MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone
logo
Hitachi Semiconductor
PF0140 HITACHI-PF0140 Datasheet
246Kb / 7P
MOSFET POWER AMPLIFIER MODULE FOR GSM HANDY PHONE
logo
Renesas Technology Corp
PF08109B RENESAS-PF08109B Datasheet
249Kb / 25P
MOS FET Power Amplifier Module for E-GSM and DCS1800 Dual Band Handy Phone
logo
Hitachi Semiconductor
PF0027 HITACHI-PF0027 Datasheet
287Kb / 7P
MOS FET Power Ampllfier Module for E-TACS Handy Phone
logo
Renesas Technology Corp
PF08127 RENESAS-PF08127 Datasheet
140Kb / 18P
MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone
Oct. 2002
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com