Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HY57V658020B Datasheet (PDF) - Hynix Semiconductor

HY57V658020B Datasheet PDF - Hynix Semiconductor
Part # HY57V658020B
Download  HY57V658020B Download
File Size   146.35 Kbytes
Page   12 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 4 Banks x 2M x 8Bit Synchronous DRAM

HY57V658020B Datasheet (PDF)

Go To PDF Page Download Datasheet
HY57V658020B Datasheet PDF - Hynix Semiconductor

Part # HY57V658020B
Download  HY57V658020B Click to download

File Size   146.35 Kbytes
Page   12 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 4 Banks x 2M x 8Bit Synchronous DRAM

HY57V658020B Datasheet (HTML) - Hynix Semiconductor


HY57V658020B Product details

DESCRIPTION

The Hynix HY57V658020B is a 67,108,864-bit CMOS Synchronous DRAM, ideally suited for the main memory applications which require large memory density and high bandwidth. HY57V658020B is organized as 4banks of 2,097,152x8.

HY57V658020B is offering fully synchronous operation referenced to a positive edge of the clock. All inputs and outputs are synchronized with the rising edge of the clock input. The data paths are internally pipelined to achieve very high bandwidth. All input and output voltage levels are compatible with LVTTL.

Programmable options include the length of pipeline (Read latency of 2 or 3), the number of consecutive read or write cycles initiated by a single control command (Burst length of 1,2,4,8 or Full page), and the burst count sequence(sequential or interleave). A burst of read or write cycles in progress can be terminated by a burst terminate command or can be interrupted and replaced by a new burst read or write command on any cycle. (This pipelined design is not restricted by a `2N` rule.)



FEATURES

• Single 3.3±0.3V power supply

• All device pins are compatible with LVTTL interface

• JEDEC standard 400mil 54pin TSOP-II with 0.8mm of pin pitch

• All inputs and outputs referenced to positive edge of system clock

• Data mask function by DQM

• Internal four banks operation

• Auto refresh and self refresh

• 4096 refresh cycles / 64ms

• Programmable Burst Length and Burst Type

   - 1, 2, 4, 8 or Full page for Sequential Burst

   - 1, 2, 4 or 8 for Interleave Burst

• Programmable CAS Latency ; 2, 3 Clocks



 




Similar Part No. - HY57V658020B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V658020 HYNIX-HY57V658020 Datasheet
887Kb / 15P
8Mx8 bit Synchronous DRAM Series
More results


Similar Description - HY57V658020B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S640832C SAMSUNG-K4S640832C Datasheet
130Kb / 11P
64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S640832D SAMSUNG-K4S640832D Datasheet
128Kb / 10P
64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S640832E SAMSUNG-K4S640832E Datasheet
126Kb / 10P
64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S640832F SAMSUNG-K4S640832F Datasheet
118Kb / 11P
64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
KM48S8030C SAMSUNG-KM48S8030C Datasheet
82Kb / 8P
2M x 8Bit x 4 Banks Synchronous DRAM
KM48S8030D SAMSUNG-KM48S8030D Datasheet
117Kb / 11P
64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
logo
Hynix Semiconductor
HY57V64820HG HYNIX-HY57V64820HG Datasheet
134Kb / 11P
4 Banks x 2M x 8Bit Synchronous DRAM
HY57V64820HGTP HYNIX-HY57V64820HGTP Datasheet
85Kb / 11P
4 Banks x 2M x 8Bit Synchronous DRAM
HY5756820C HYNIX-HY5756820C Datasheet
86Kb / 12P
4 Banks x 8M x 8Bit Synchronous DRAM
HY57V56820B HYNIX-HY57V56820B Datasheet
151Kb / 12P
4 Banks x 8M x 8Bit Synchronous DRAM
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com