Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB4M Datasheet (PDF) - MAKO SEMICONDUCTOR CO.,LIMITED

MB4M Datasheet PDF - MAKO SEMICONDUCTOR CO.,LIMITED
Part # MB4M
Download  MB4M Download
File Size   172.74 Kbytes
Page   2 Pages
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED
Description Surface Mount Bridge Rectifier

MB4M Datasheet (PDF)

Go To PDF Page Download Datasheet
MB4M Datasheet PDF - MAKO SEMICONDUCTOR CO.,LIMITED

Part # MB4M
Download  MB4M Click to download

File Size   172.74 Kbytes
Page   2 Pages
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED
Description Surface Mount Bridge Rectifier

MB4M Datasheet (HTML) - MAKO SEMICONDUCTOR CO.,LIMITED


MB4M Product details

FEATURES
• Plastic package has Underwriters Laboratory Flammability Classification 94V-0
• Glass passivated chip junctions
• High surge overload rating: 35A peak
• Saves space on printed circuit boards
• Recommended for non-automotive applications




Similar Part No. - MB4M

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MB4M GE-MB4M Datasheet
37Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB4M MCC-MB4M Datasheet
101Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
TAITRON Components Inco...
MB4M TAITRON-MB4M Datasheet
144Kb / 4P
0.5A Glass Passivated Bridge Rectifier
logo
GOOD-ARK Electronics
MB4M GOOD-ARK-MB4M Datasheet
139Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
logo
Vishay Siliconix
MB4M VISHAY-MB4M Datasheet
99Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Feb-08
More results


Similar Description - MB4M

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
U01501BRM PANJIT-U01501BRM Datasheet
145Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
B1S YENYO-B1S Datasheet
525Kb / 2P
Surface Mount Bridge Rectifier
logo
MAKO SEMICONDUCTOR CO.,...
MB2F MAKOSEMI-MB2F Datasheet
165Kb / 2P
Surface Mount Bridge Rectifier
MB05 MAKOSEMI-MB05 Datasheet
165Kb / 2P
Surface Mount Bridge Rectifier
MB8F MAKOSEMI-MB8F Datasheet
165Kb / 2P
Surface Mount Bridge Rectifier
logo
Rugao Dachang Electroni...
ABS2 DACHANG-ABS2_15 Datasheet
135Kb / 2P
Surface Mount Bridge-Rectifier
DB101S DACHANG-DB101S_15 Datasheet
126Kb / 2P
Surface Mount Bridge-Rectifier
DB151S DACHANG-DB151S_15 Datasheet
126Kb / 2P
Surface Mount Bridge-Rectifier
logo
Vishay Siliconix
RMB2S VISHAY-RMB2S_13 Datasheet
91Kb / 5P
Surface Mount Bridge Rectifier
19-Aug-13
logo
GUANGDONG HOTTECH INDUS...
DB101S HOTTECH-DB101S Datasheet
160Kb / 2P
Surface Mount Bridge Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com