Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IDT7M1001 Datasheet (PDF) - Integrated Device Technology

IDT7M1001 Datasheet PDF - Integrated Device Technology
Part # IDT7M1001
Download  IDT7M1001 Download
File Size   171.84 Kbytes
Page   11 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE

IDT7M1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT7M1001 Datasheet PDF - Integrated Device Technology

Part # IDT7M1001
Download  IDT7M1001 Click to download

File Size   171.84 Kbytes
Page   11 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE

IDT7M1001 Datasheet (HTML) - Integrated Device Technology


IDT7M1001 Product details

DESCRIPTION:
The IDT7M1001/IDT7M1003 is a 128K x 8/64K x 8 high-speed CMOS Dual-Port Static RAM module constructed on a multilayer ceramic substrate using eight IDT7006 (16K x 8) Dual-Port RAMs and two IDT FCT138 decoders or depopulated using only four IDT7006s and two decoders.
This module provides two independent ports with separate control, address, and I/O pins that permit independent and asynchronous access for reads or writes to any location in memory.

FEATURES
• High-density 1M/512K CMOS Dual-Port Static RAM module
• Fast access times:
   —Commercial 35, 40ns
   —Military 40, 50ns
• Fully asynchronous read/write operation from either port
• Full on-chip hardware support of semaphore signaling between ports
• Surface mounted LCC (leadless chip carriers) components on a 64-pin sidebraze DIP (Dual In-line Package)
• Multiple Vcc and GND pins for maximum noise immunity
• Single 5V (±10%) power supply
• Input/outputs directly TTL-compatible




Similar Part No. - IDT7M1001

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7M1002 IDT-IDT7M1002 Datasheet
166Kb / 12P
16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1002S30G IDT-IDT7M1002S30G Datasheet
166Kb / 12P
16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1002S30GB IDT-IDT7M1002S30GB Datasheet
166Kb / 12P
16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1002S35G IDT-IDT7M1002S35G Datasheet
166Kb / 12P
16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1002S35GB IDT-IDT7M1002S35GB Datasheet
166Kb / 12P
16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
More results


Similar Description - IDT7M1001

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
CMOS 64K (8K x 8) Static RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
128K X 8 CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C008 CYPRESS-CY7C008 Datasheet
537Kb / 19P
64K/128K x 8/9 Dual-Port Static RAM
logo
Winbond
W24L01 WINBOND-W24L01 Datasheet
182Kb / 11P
128K X 8 CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C008V CYPRESS-CY7C008V Datasheet
222Kb / 18P
3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C09089 CYPRESS-CY7C09089 Datasheet
347Kb / 19P
64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008_05 Datasheet
451Kb / 19P
64K/128K x 8/9 Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V_05 Datasheet
451Kb / 18P
3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com