Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HGTG34N100E2 Datasheet (PDF) - Intersil Corporation

HGTG34N100E2 Datasheet PDF - Intersil Corporation
Part # HGTG34N100E2
Download  HGTG34N100E2 Download
File Size   38.79 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 34A, 1000V N-Channel IGBT

HGTG34N100E2 Datasheet (PDF)

Go To PDF Page Download Datasheet
HGTG34N100E2 Datasheet PDF - Intersil Corporation

Part # HGTG34N100E2
Download  HGTG34N100E2 Click to download

File Size   38.79 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 34A, 1000V N-Channel IGBT

HGTG34N100E2 Datasheet (HTML) - Intersil Corporation


HGTG34N100E2 Product details

Description
The HGTG34N100E2 is a MOS gated high voltage switching device combining the best features of MOSFETs and bipolar transistors. The device has the high input impedance of a MOSFET and the low on-state conduction loss of a bipolar transistor. The much lower on-state voltage drop varies only moderately between +25°C and +150°C.

Features
• 34A, 1000V
• Latch Free Operation
• Typical Fall Time - 710ns
• High Input Impedance
• Low Conduction Loss




Similar Part No. - HGTG34N100E2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG30N120CN INTERSIL-HGTG30N120CN Datasheet
81Kb / 7P
75A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG30N120CN INTERSIL-HGTG30N120CN Datasheet
40Kb / 5P
30A, 1200V N-Channel IGBT
April 1995
logo
Fairchild Semiconductor
HGTG30N120CN FAIRCHILD-HGTG30N120CN Datasheet
113Kb / 8P
75A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTG30N120D2 INTERSIL-HGTG30N120D2 Datasheet
40Kb / 5P
30A, 1200V N-Channel IGBT
April 1995
logo
Fairchild Semiconductor
HGTG30N60A4 FAIRCHILD-HGTG30N60A4 Datasheet
178Kb / 8P
600V, SMPS Series N-Channel IGBT
More results


Similar Description - HGTG34N100E2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD2N100 FAIRCHILD-FQD2N100 Datasheet
622Kb / 9P
1000V N-Channel MOSFET
logo
Intersil Corporation
HGTG20N100D2 INTERSIL-HGTG20N100D2 Datasheet
36Kb / 5P
20A, 1000V N-Channel IGBT
May 1995
HGTG20N120E2 INTERSIL-HGTG20N120E2 Datasheet
167Kb / 5P
34A, 1200V N-Channel IGBT
April 1995
logo
STMicroelectronics
STW34NB20 STMICROELECTRONICS-STW34NB20_04 Datasheet
232Kb / 10P
N-CHANNEL 200V - 0.062 OHM - 34A TO-247 PowerMESH MOSFET
14-Apr-2004
logo
Fairchild Semiconductor
FQH8N100C FAIRCHILD-FQH8N100C Datasheet
998Kb / 8P
1000V N-Channel MOSFET
logo
IXYS Corporation
IXGH32N100A3 IXYS-IXGH32N100A3 Datasheet
129Kb / 2P
GenX3 1000V IGBT
logo
Fairchild Semiconductor
FQD2N100TM FAIRCHILD-FQD2N100TM Datasheet
736Kb / 9P
1000V N-Channel MOSFET
logo
Unisonic Technologies
UT7430 UTC-UT7430 Datasheet
213Kb / 7P
30V, 34A N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N100 KERSEMI-KSMD2N100 Datasheet
1Mb / 8P
1000V N-Channel MOSFET
KSMU2N100 KERSEMI-KSMU2N100 Datasheet
1Mb / 8P
1000V N-Channel MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com