Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N5391 Datasheet (PDF) - Yea Shin Technology Co., Ltd

1N5391 Datasheet PDF - Yea Shin Technology Co., Ltd
Part # 1N5391
Download  1N5391 Download
File Size   104.61 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description PLASTIC SILICON RECTIFIER

1N5391 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5391 Datasheet PDF - Yea Shin Technology Co., Ltd

Part # 1N5391
Download  1N5391 Click to download

File Size   104.61 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description PLASTIC SILICON RECTIFIER

1N5391 Datasheet (HTML) - Yea Shin Technology Co., Ltd


1N5391 Product details

VOLTAGE- 50 to 1000 Volts CURRENT - 1.5 Amperes

FE ATURES
• Plastic package has Underwriters Laboratories
   Flammability Classification 94V-Outilizing
• 1.5 Ampere operation at TL =70 °C with no
   thermal runaway .
• Exceeds env ironmental standards of MIL-S-19500/228
• Low leakage .
• High temperature soldering : 260 °C / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS
   environment substance directive request




Similar Part No. - 1N5391

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5391 PANJIT-1N5391 Datasheet
47Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Wing Shing Computer Com...
1N5391 WINGS-1N5391 Datasheet
534Kb / 2P
SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Won-Top Electronics
1N5391 WTE-1N5391 Datasheet
45Kb / 3P
1.5A SILICON RECTIFIER
logo
Zowie Technology Corpor...
1N5391 ZOWIE-1N5391 Datasheet
44Kb / 2P
SILICON RECTIFIER
More results


Similar Description - 1N5391

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
PLASTIC SILICON RECTIFIER
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
PLASTIC SILICON RECTIFIER
GI500 BILIN-GI500 Datasheet
55Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
5A50 KISEMICONDUCTOR-5A50 Datasheet
57Kb / 2P
PLASTIC SILICON RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com