Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TGF2819-FS Datasheet (PDF) - TriQuint Semiconductor

TGF2819-FS Datasheet PDF - TriQuint Semiconductor
Part # TGF2819-FS
Download  TGF2819-FS Download
File Size   1436.61 Kbytes
Page   21 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 100W Peak Power, 20W Average Power

TGF2819-FS Datasheet (PDF)

Go To PDF Page Download Datasheet
TGF2819-FS Datasheet PDF - TriQuint Semiconductor

Part # TGF2819-FS
Download  TGF2819-FS Click to download

File Size   1436.61 Kbytes
Page   21 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 100W Peak Power, 20W Average Power

TGF2819-FS Datasheet (HTML) - TriQuint Semiconductor




Similar Part No. - TGF2819-FS

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF2819-FS-EVB1 TRIQUINT-TGF2819-FS-EVB1 Datasheet
1Mb / 21P
100W Peak Power, 20W Average Power
More results


Similar Description - TGF2819-FS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK400-030 SANYO-STK400-030 Datasheet
183Kb / 6P
AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
logo
M/A-COM Technology Solu...
MAGX-001220-100L00 MA-COM-MAGX-001220-100L00 Datasheet
833Kb / 6P
GaN HEMT Power Transistor 100W Peak, 1.2 - 2.0 GHz
logo
TriQuint Semiconductor
T1G4012036-FL TRIQUINT-T1G4012036-FL_15 Datasheet
993Kb / 13P
120W Peak Power, 24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
TGF2819-FL TRIQUINT-TGF2819-FL_15 Datasheet
1Mb / 21P
100W Peak Power, 20W Average Power
logo
Keysight Technologies
E4416A KEYSIGHT-E4416A Datasheet
996Kb / 19P
Power Meters and E-Series E9320 Peak and Average Power Sensors
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
Power Meters and E-Series E9320 Peak and Average Power Sensors
E9321A KEYSIGHT-E9321A Datasheet
996Kb / 19P
Power Meters and E-Series E9320 Peak and Average Power Sensors
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
Power Meters and E-Series E9320 Peak and Average Power Sensors
U2021XA KEYSIGHT-U2021XA Datasheet
2Mb / 20P
U2020 X-Series USB Peak and Average Power Sensors
logo
Mean Well Enterprises C...
LRS-100N2 MEANWELL-LRS-100N2 Datasheet
198Kb / 5P
100W Single Output High Peak Power Supply
2023-08-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com