Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL-LS3535B0S3RGBC Datasheet (PDF) - BetLux Electronics

BL-LS3535B0S3RGBC Datasheet PDF - BetLux Electronics
Part # BL-LS3535B0S3RGBC
Download  BL-LS3535B0S3RGBC Download
File Size   334.08 Kbytes
Page   5 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description 3.5mmx3.5mm SMD, 2.8mm THICKNESS PLCC6 package

BL-LS3535B0S3RGBC Datasheet (PDF)

Go To PDF Page Download Datasheet
BL-LS3535B0S3RGBC Datasheet PDF - BetLux Electronics

Part # BL-LS3535B0S3RGBC
Download  BL-LS3535B0S3RGBC Click to download

File Size   334.08 Kbytes
Page   5 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description 3.5mmx3.5mm SMD, 2.8mm THICKNESS PLCC6 package

BL-LS3535B0S3RGBC Datasheet (HTML) - BetLux Electronics




Similar Part No. - BL-LS3535B0S3RGBC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS3535A0S1 BETLUX-BL-LS3535A0S1 Datasheet
512Kb / 8P
SMD LEDs , 3.5mmx3.5mm SMD, 1.15mm THICKNESS PLCC2 package
REV NO: V.4
BL-LS3535A0S1UWC-C150 BETLUX-BL-LS3535A0S1UWC-C150 Datasheet
512Kb / 8P
SMD LEDs , 3.5mmx3.5mm SMD, 1.15mm THICKNESS PLCC2 package
REV NO: V.4
BL-LS3535A0S1UWC-C30 BETLUX-BL-LS3535A0S1UWC-C30 Datasheet
512Kb / 8P
SMD LEDs , 3.5mmx3.5mm SMD, 1.15mm THICKNESS PLCC2 package
REV NO: V.4
BL-LS3535A0S1UWC-C60 BETLUX-BL-LS3535A0S1UWC-C60 Datasheet
512Kb / 8P
SMD LEDs , 3.5mmx3.5mm SMD, 1.15mm THICKNESS PLCC2 package
REV NO: V.4
More results


Similar Description - BL-LS3535B0S3RGBC

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLP6S-WKW CREE-CLP6S-WKW Datasheet
600Kb / 10P
PLCC6 SMD LED
logo
Marktech Corporate
CLP6S-WKW MARKTECH-CLP6S-WKW Datasheet
600Kb / 10P
PLCC6 SMD LED
logo
BetLux Electronics
BL-LS3535A0S1 BETLUX-BL-LS3535A0S1 Datasheet
512Kb / 8P
SMD LEDs , 3.5mmx3.5mm SMD, 1.15mm THICKNESS PLCC2 package
REV NO: V.4
BL-LS5050A0S3 BETLUX-BL-LS5050A0S3 Datasheet
335Kb / 5P
5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
REV NO: V.3
BL-LS5050A1S3 BETLUX-BL-LS5050A1S3 Datasheet
370Kb / 8P
5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
REV NO: V.4
logo
Marktech Corporate
CLP6S-WKW MARKTECH-CLP6S-WKW_15 Datasheet
600Kb / 10P
PLCC6 SMD LED
logo
P-tec Corporation
PLC3535-WDRGB1 P-TEC-PLC3535-WDRGB1 Datasheet
464Kb / 5P
PLCC6 SMD LED
logo
Bivar, Inc.
SMTL6-BWC BIVAR-SMTL6-BWC Datasheet
1Mb / 6P
PLCC6 SMD Top View Package LED SMTL6-BWC, BLUE
Revision B 10/22
SMTL6-GC BIVAR-SMTL6-GC Datasheet
1Mb / 6P
PLCC6 SMD Top View Package LED SMTL6-GC, GREEN
Revision B 06/22
SMTL6-RC BIVAR-SMTL6-RC Datasheet
737Kb / 5P
PLCC6 SMD Top View Package LED SMTL6-RC, RED
Revision A 02/16
More results




About BetLux Electronics


BetLux Electronics is a Taiwanese-based company that specializes in the design and manufacture of LED products. The company was founded in 2005 and has since grown to become a leading supplier of LED components and lighting solutions.

BetLux Electronics offers a wide range of LED products, including through-hole LEDs, surface-mount LEDs, display LEDs, and high-power LEDs. The company's products are used in a variety of applications, such as automotive lighting, signage, backlighting, and general illumination.

One of the key strengths of BetLux Electronics is its commitment to innovation and quality. The company invests heavily in research and development to ensure that its products are at the forefront of LED technology. BetLux Electronics also has a strong focus on quality control, with all products undergoing rigorous testing to ensure that they meet the highest standards.

BetLux Electronics has a global network of distributors and partners, which allows it to provide excellent service and support to customers around the world. Overall, BetLux Electronics is a well-respected and established company that offers high-quality LED products and solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com