Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

130126-0028 Datasheet (PDF) - Molex Electronics Ltd.

130126-0028 Datasheet PDF - Molex Electronics Ltd.
Part # 130126-0028
Download  130126-0028 Download
File Size   36.68 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Watertite Two Button Single Speed Switch

130126-0028 Datasheet (PDF)

Go To PDF Page Download Datasheet
130126-0028 Datasheet PDF - Molex Electronics Ltd.

Part # 130126-0028
Download  130126-0028 Click to download

File Size   36.68 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Watertite Two Button Single Speed Switch

130126-0028 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 130126-0028

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130126-0021 MOLEX11-130126-0021 Datasheet
36Kb / 1P
Super-Safeway Green Pilot Light, Shroud-Mount, 120V
130126-0022 MOLEX11-130126-0022 Datasheet
36Kb / 1P
Super-Safeway Red Pilot Light, Shroud-Mount, 120V
130126-0023 MOLEX11-130126-0023 Datasheet
36Kb / 1P
Super-Safeway Yellow/White Pilot Light, Shroud-Mount, 120V
130126-0025 MOLEX11-130126-0025 Datasheet
36Kb / 1P
Watertite Two Position Selector Switch, All N.O., 3A, 250V
130126-0027 MOLEX11-130126-0027 Datasheet
36Kb / 1P
Watertite Three Position Maintained Selector Switch, All N.O., 3A, 250V
More results


Similar Description - 130126-0028

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130126-0029 MOLEX11-130126-0029 Datasheet
36Kb / 1P
Watertite Two Button Single Speed Switch, Mechanically Interlocked
130126-0231 MOLEX11-130126-0231 Datasheet
48Kb / 1P
Watertite Two Button Pendant, Single Speed
1301260028 MOLEX11-1301260028 Datasheet
37Kb / 1P
Watertite Two Button Single Speed Switch, Mechanically Interlocked
1301260029 MOLEX11-1301260029 Datasheet
37Kb / 1P
Watertite Two Button Single Speed Switch, Mechanically Interlocked
1301260030 MOLEX11-1301260030 Datasheet
37Kb / 1P
Watertite Two Button Single Speed Switch, Mechanically Interlocked
1301260031 MOLEX11-1301260031 Datasheet
37Kb / 1P
Watertite Two Button Two Speed Switch, Mechanically Interlocked
1301260029 MOLEX1-1301260029_17 Datasheet
37Kb / 1P
Watertite Two Button Single Speed Switch, Mechanically Interlocked
1301260030 MOLEX1-1301260030_17 Datasheet
37Kb / 1P
Watertite Two Button Single Speed Switch, Mechanically Interlocked
1301260231 MOLEX1-1301260231_17 Datasheet
40Kb / 1P
Watertite Two Button Pendant, Single Speed
1301260232 MOLEX1-1301260232_17 Datasheet
40Kb / 1P
Watertite Two Button Pendant, Single Speed, Black
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com