Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTA4064-Y Datasheet (PDF) - Marktech Corporate

MTA4064-Y Datasheet PDF - Marktech Corporate
Part # MTA4064-Y
Download  MTA4064-Y Download
File Size   37.02 Kbytes
Page   1 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Marktech RT Angle Quad PCB MT 5mm LEDs

MTA4064-Y Datasheet (PDF)

Go To PDF Page Download Datasheet
MTA4064-Y Datasheet PDF - Marktech Corporate

Part # MTA4064-Y
Download  MTA4064-Y Click to download

File Size   37.02 Kbytes
Page   1 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Marktech RT Angle Quad PCB MT 5mm LEDs

MTA4064-Y Datasheet (HTML) - Marktech Corporate


MTA4064-Y Product details

FEATURES
• T-1¾ right angle PCB mount LED
• Diffused lens
• Stackable end to end
• Multiple color combinations available




Similar Part No. - MTA4064-Y

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTA4064-HR-A MARKTECH-MTA4064-HR-A Datasheet
184Kb / 3P
Standard LEDs
More results


Similar Description - MTA4064-Y

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1103-RG MARKTECH-MT1103-RG Datasheet
38Kb / 1P
Marktech Standard 5mm Tinted & Colored Diff. LEDs
MT1164-RGCT MARKTECH-MT1164-RGCT Datasheet
34Kb / 1P
Marktech RT Angle Std. Single PCB MT 5mm
MT2064-YGCT MARKTECH-MT2064-YGCT Datasheet
37Kb / 1P
Marktech RT Angle PCB MT 5mm Bi?묬olor LEDs
MT4093-HR MARKTECH-MT4093-HR Datasheet
33Kb / 1P
Marktech Low Current 5mm LEDs
MT7320-UR MARKTECH-MT7320-UR Datasheet
27Kb / 1P
Marktech 5mm Tapered 20 Ultra Bright LEDs
MTA1164-YG MARKTECH-MTA1164-YG Datasheet
37Kb / 1P
Marktech RT Angle Dual PCB MT 5mm LED
MTA1164H-YG MARKTECH-MTA1164H-YG Datasheet
55Kb / 2P
Marktech RT Angle Multi Color PCB MT 5mm LEDs
MT305-SLG MARKTECH-MT305-SLG Datasheet
33Kb / 2P
Marktech Low Current 5mm LEDs
MT7386-UR MARKTECH-MT7386-UR Datasheet
28Kb / 2P
Marktech 5mm Tapered 26쨘 Ultra Bright LEDs
MTA1163-GHR MARKTECH-MTA1163-GHR Datasheet
37Kb / 2P
Marktech RT Angle Dual Stack PCB MT 3mm LEDs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com