Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M34250M2 Datasheet (PDF) - Mitsubishi Electric Semiconductor

M34250M2 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M34250M2
Download  M34250M2 Download
File Size   331.45 Kbytes
Page   58 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER??????

M34250M2 Datasheet (PDF)

Go To PDF Page Download Datasheet
M34250M2 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M34250M2
Download  M34250M2 Click to download

File Size   331.45 Kbytes
Page   58 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER??????

M34250M2 Datasheet (HTML) - Mitsubishi Electric Semiconductor


M34250M2 Product details

DESCRIPTION
The 4250 Group is a 4-bit single-chip microcomputer designed with CMOS technology. Its CPU is that of the 720 series using a simple instruction set. The computer is equipped with one 8-bit timer which has a reload register and the interrupt function. The various microcomputers in the 4250 Group include variations of the built-in memory type as shown in the table below.

FEATURES
• Minimum instruction execution time ............................. 1.0 µs
   (at 4.0 MHz system clock frequency, VDD=4.5 V to 5.5 V)
• Supply voltage
   4.5 V to 5.5 V (at 4.0 MHz system clock frequency)
   2.5 V to 5.5 V (at 1.0 MHz system clock frequency)
   2.2 V to 5.5 V (at 1.0 MHz system clock frequency:
   only for Mask ROM version)
• Timer
   Timer 1 ................................ 8-bit timer with a reload register
• Interrupt ................................................................... 2 sources
• CR oscillation circuit (Capacitor and Resistor connected externally)
• Logic operation instruction
• RAM back-up function
• Key-on wakeup function (ports G and S, INT pin)

APPLICATION
   Electric household appliances, consumer electronics products (mouse, etc.)




Similar Part No. - M34250M2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M34250M2-XXXFP RENESAS-M34250M2-XXXFP Datasheet
704Kb / 59P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Similar Description - M34250M2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP402 SONY-CXP402 Datasheet
265Kb / 16P
CMOS 4-bit Single Chip Microcomputer
CXP50700 SONY-CXP50700 Datasheet
483Kb / 19P
CMOS 4-BIT SINGLE CHIP MICROCOMPUTER
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
455A RENESAS-455A Datasheet
3Mb / 148P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com