Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N3214R Datasheet (PDF) - GeneSiC Semiconductor, Inc.

1N3214R Datasheet PDF - GeneSiC Semiconductor, Inc.
Part # 1N3214R
Download  1N3214R Download
File Size   689.11 Kbytes
Page   3 Pages
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.
Description High Surge Capability

1N3214R Datasheet (PDF)

Go To PDF Page Download Datasheet
1N3214R Datasheet PDF - GeneSiC Semiconductor, Inc.

Part # 1N3214R
Download  1N3214R Click to download

File Size   689.11 Kbytes
Page   3 Pages
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.
Description High Surge Capability

1N3214R Datasheet (HTML) - GeneSiC Semiconductor, Inc.


1N3214R Product details

Features
• High Surge Capability
• Types from 400 V to 600 V VRRM
• Not ESD Sensitive




Similar Part No. - 1N3214R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
1N3214R IRF-1N3214R Datasheet
93Kb / 4P
15 Amp Stud-mounted Silicon Rectifier Diodes
logo
Vishay Siliconix
1N3214R VISHAY-1N3214R Datasheet
80Kb / 4P
Stud-Mounted Silicon Rectifier Diodes, 15 A
24-Jun-08
logo
America Semiconductor, ...
1N3214R AMERICASEMI-1N3214R Datasheet
426Kb / 2P
DEVICE HIGH POWER STANDARD
logo
GeneSiC Semiconductor, ...
1N3214R GENESIC-1N3214R Datasheet
714Kb / 3P
Silicon Standard Recovery Diode
1N3214R GENESIC-1N3214R Datasheet
808Kb / 3P
Silicon Standard Recovery Diode
More results


Similar Description - 1N3214R

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
1N1190R GENESIC-1N1190R Datasheet
705Kb / 3P
High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
High Surge Capability
1N3294AR GENESIC-1N3294AR Datasheet
485Kb / 3P
High Surge Capability
1N4593R GENESIC-1N4593R Datasheet
722Kb / 3P
High Surge Capability
1N6098R GENESIC-1N6098R Datasheet
355Kb / 3P
High Surge Capability
FR12MR05 GENESIC-FR12MR05 Datasheet
728Kb / 3P
High Surge Capability
FR16JR05 GENESIC-FR16JR05 Datasheet
747Kb / 3P
High Surge Capability
FR16MR05 GENESIC-FR16MR05 Datasheet
746Kb / 3P
High Surge Capability
FR30MR05 GENESIC-FR30MR05 Datasheet
663Kb / 3P
High Surge Capability
logo
Kersemi Electronic Co.,...
MUR3005WT KERSEMI-MUR3005WT Datasheet
1Mb / 3P
High Surge Capability
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com