Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8484IRZ Datasheet (PDF) - Intersil Corporation

ISL8484IRZ Datasheet PDF - Intersil Corporation
Part # ISL8484IRZ
Download  ISL8484IRZ Download
File Size   320.62 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch

ISL8484IRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8484IRZ Datasheet PDF - Intersil Corporation

Part # ISL8484IRZ
Download  ISL8484IRZ Click to download

File Size   320.62 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch

ISL8484IRZ Datasheet (HTML) - Intersil Corporation


ISL8484IRZ Product details

The Intersil ISL8484 device is a low ON-resistance, low
voltage, bidirectional, dual single-pole/double-throw (SPDT)
analog switch designed to operate from a single +1.65V to
+4.5V supply. Targeted applications include battery powered
equipment that benefit from low rON (0.29Ω) and fast
switching speeds (tON = 40ns, tOFF = 20ns). The digital logic
input is 1.8V logic-compatible when using a single +3V supply.
With a supply voltage of 4.2V and logic high voltage of 2.85V
at both logic inputs, the part draws only 12µA max of I+
current.
Cell phones, for example, often face ASIC functionality
limitations. The number of analog input or GPIO pins may be
limited and digital geometries are not well suited to analog
switch performance. This part may be used to “mux-in”
additional functionality while reducing ASIC design risk. The
ISL8484 is offered in small form factor packages, alleviating
board space limitations.
The ISL8484 is a committed dual single-pole/double-throw
(SPDT) that consist of two normally open (NO) and two
normally closed (NC) switches. This configuration can be
used as a dual 2-to-1 multi-plexer. The ISL8484 is pin
compatible with the MAX4684 and MAX4685.

Features
• Pin Compatible Replacement for the MAX4684 and
MAX4685
• ON-Resistance (rON)
- V+ = +4.3V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.29Ω
- V+ = +3.0V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.33Ω
- V+ = +1.8V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.55Ω
• rON Matching Between Channels . . . . . . . . . . . . . . . . . 0.06Ω
• rON Flatness Across Signal Range . . . . . . . . . . . . . . . . 0.03Ω
• Single Supply Operation . . . . . . . . . . . . . . . +1.65V to +4.5V
• Low Power Consumption (PD). . . . . . . . . . . . . . . <0.45µW
• Fast Switching Action (V+ = +4.3V)
- tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40ns
- tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20ns
• ESD HBM Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>8kV
• Guaranteed Break-Before-Make
• 1.8V Logic Compatible (+3V supply)
• Low I+ Current when VINH is not at the V+ Rail
• Available in 10 Ld 3x3 TDFN and 10 Ld MSOP
• Pb-Free Available (RoHS Compliant)

Applications
• Battery-powered, Handheld, and Portable Equipment
- Cellular/mobile Phones
- Pagers
- Laptops, Notebooks, Palmtops
• Portable Test and Measurement
• Medical Equipment
• Audio and Video Switching




Similar Part No. - ISL8484IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8484IRZ INTERSIL-ISL8484IRZ Datasheet
326Kb / 13P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
September 13, 2006
ISL8484IRZ INTERSIL-ISL8484IRZ Datasheet
330Kb / 15P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL8484IRZ INTERSIL-ISL8484IRZ Datasheet
323Kb / 13P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
May 12, 2008
logo
Renesas Technology Corp
ISL8484IRZ RENESAS-ISL8484IRZ Datasheet
665Kb / 13P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL8484IRZ-T INTERSIL-ISL8484IRZ-T Datasheet
326Kb / 13P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
September 13, 2006
More results


Similar Description - ISL8484IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8499 INTERSIL-ISL8499 Datasheet
464Kb / 13P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
January 27, 2005
ISL8484 INTERSIL-ISL8484_06 Datasheet
326Kb / 13P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
September 13, 2006
ISL8484 INTERSIL-ISL8484_07 Datasheet
330Kb / 15P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL54050_0706 INTERSIL-ISL54050_0706 Datasheet
290Kb / 12P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
June 11, 2007
ISL54056 INTERSIL-ISL54056_07 Datasheet
281Kb / 12P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
August 15, 2007
ISL8484 INTERSIL-ISL8484 Datasheet
323Kb / 13P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
May 12, 2008
ISL54050 INTERSIL-ISL54050 Datasheet
292Kb / 12P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
November 22, 2008
ISL54050IRUZ-T INTERSIL-ISL54050IRUZ-T Datasheet
290Kb / 12P
Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Dual SPDT Analog Switch
November 22, 2008
logo
Renesas Technology Corp
ISL8484 RENESAS-ISL8484 Datasheet
665Kb / 13P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL54050 RENESAS-ISL54050 Datasheet
589Kb / 12P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com