Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XMC1202-Q024 Datasheet (PDF) - Infineon Technologies AG

XMC1202-Q024 Datasheet PDF - Infineon Technologies AG
Part # XMC1202-Q024
Download  XMC1202-Q024 Download
File Size   1764.71 Kbytes
Page   65 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Microcontroller Series

XMC1202-Q024 Datasheet (PDF)

Go To PDF Page Download Datasheet
XMC1202-Q024 Datasheet PDF - Infineon Technologies AG

Part # XMC1202-Q024
Download  XMC1202-Q024 Click to download

File Size   1764.71 Kbytes
Page   65 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Microcontroller Series

XMC1202-Q024 Datasheet (HTML) - Infineon Technologies AG


XMC1202-Q024 Product details

The XMC1200 devices are members of the XMC1000 family of microcontrollers based
on the ARM Cortex-M0 processor core. The XMC1200 series devices are optimized for
LED Lighting and Human-Machine interface (HMI) applications.

CPU Subsystem
• CPU Core
– High Performance 32-bit ARM Cortex-M0 CPU
– Most of 16-bit Thumb instruction set
– Subset of 32-bit Thumb2 instruction set
– High code density with 32-bit performance
– Single cycle 32-bit hardware multiplier
– System timer (SysTick) for Operating System support
– Ultra low power consumption
• Nested Vectored Interrupt Controller (NVIC)
• Event Request Unit (ERU) for programmable processing of external and internal
service requests
On-Chip Memories
• 8 kbytes on-chip ROM
• 16 kbytes on-chip high-speed SRAM
• up to 200 kbytes on-chip Flash program and data memory
Communication Peripherals
• Two Universal Serial Interface Channels (USIC), usable as UART, double-SPI,
quad-SPI, IIC, IIS and LIN interfaces
• LED and Touch-Sense Controller (LEDTS) for Human-Machine interface
Analog Frontend Peripherals
• A/D Converters, up to 12 channels, includes 2 sample and hold stages and a fast 12-
bit analog to digital converter with adjustable gain
• Up to 8 channels of out of range comparators (ORC)
• Up to 3 fast analog comparators (ACMP)
• Temperature Sensor (TSE)
Industrial Control Peripherals
• Capture/Compare Units 4 (CCU4) for use as general purpose timers
• Brightness and Colour Control Unit (BCCU), for LED color and dimming application
System Control
• Window Watchdog Timer (WDT) for safety sensitive applications
• Real Time Clock module with alarm support (RTC)
• System Control Unit (SCU) for system configuration and control
• Pseudo random number generator (PRNG), provides random data with fast
generation times
Input/Output Lines
• Programmable port driver control module (PORTS)
• Individual bit addressability
• Tri-stated in input mode
• Push/pull or open drain output mode
• Configurable pad hysteresis
On-Chip Debug Support
• Support for debug features: 4 breakpoints, 2 watchpoints
• Various interfaces: ARM serial wire debug (SWD), single pin debug (SPD)




Similar Part No. - XMC1202-Q024

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC1202-Q024X0016 INFINEON-XMC1202-Q024X0016 Datasheet
1Mb / 76P
Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC1202-Q024X0032 INFINEON-XMC1202-Q024X0032 Datasheet
1Mb / 76P
Microcontroller Series for Industrial Applications
V1.7 2016-08
More results


Similar Description - XMC1202-Q024

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78611 EMC-EM78611 Datasheet
752Kb / 26P
Universal Serial Bus Microcontroller Series
EM78M612 EMC-EM78M612 Datasheet
1Mb / 38P
Universal Serial Bus Microcontroller Series
logo
Holtek Semiconductor In...
HT48R12 HOLTEK-HT48R12 Datasheet
2Mb / 59P
8-Bit Microcontroller Series
25th May 99
logo
Infineon Technologies A...
XMC1100 INFINEON-XMC1100 Datasheet
1Mb / 59P
Microcontroller Series
V1.4 2014-05
XMC1300 INFINEON-XMC1300 Datasheet
1Mb / 64P
Microcontroller Series
V1.4 2014-05
XMC4700 INFINEON-XMC4700 Datasheet
1Mb / 130P
Microcontroller Series for Industrial Applications
V0.7 2015-10
XMC4400 INFINEON-XMC4400 Datasheet
1Mb / 103P
Microcontroller Series for Industrial Applications
V1.2 2015-12
XMC4100 INFINEON-XMC4100 Datasheet
1Mb / 94P
Microcontroller Series for Industrial Applications
V1.3 2015-10
XMC1400 INFINEON-XMC1400 Datasheet
1Mb / 88P
Microcontroller Series for Industrial Applications
V1.2 2016-08
XMC1100AB INFINEON-XMC1100AB Datasheet
1Mb / 68P
Microcontroller Series for Industrial Applications
V1.7 2016-08
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com