Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MT28F322P3 Datasheet (PDF) - Micron Technology

MT28F322P3 Datasheet PDF - Micron Technology
Part # MT28F322P3
Download  MT28F322P3 Download
File Size   395.79 Kbytes
Page   36 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description FLASH MEMORY

MT28F322P3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT28F322P3 Datasheet PDF - Micron Technology

Part # MT28F322P3
Download  MT28F322P3 Click to download

File Size   395.79 Kbytes
Page   36 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description FLASH MEMORY

MT28F322P3 Datasheet (HTML) - Micron Technology


MT28F322P3 Product details

GENERAL DESCRIPTION
The MT28F322P3 is a high-performance, highdensity, nonvolatile memory solution that can significantly improve system performance. This new architecture features a two-memory-bank configuration that supports background operation with no latency.
A high-performance bus interface allows a fast page mode data transfer; a conventional asynchronous bus interface is provided as well.

FEATURES
• Flexible dual-bank architecture
    Support for true concurrent operation with zero latency
    Read bank a during program bank b and vice versa
    Read bank a during erase bank b and vice versa
• Basic configuration:
    Seventy-one erasable blocks
        Bank a (8Mb for data storage)
        Bank b (24Mb for program storage)
• VCC, VCCQ, VPP voltages
    2.7V (MIN), 3.3V (MAX) VCC
    2.2V (MIN), 3.3V (MAX) VCCQ
    3.0V (TYP) VPP (in-system PROGRAM/ERASE)
    12V ±5% (HV) VPP tolerant (factory programming compatibility)
• Random access time: 70ns @ 2.7V VCC
• Page Mode read access
    Eight-word page
    Interpage read access: 70ns @ 2.7V
    Intrapage read access: 30ns @ 2.7V
• Low power consumption (VCC = 3.3V)
    Asynchronous/interpage READ < 15mA
    Intrapage READ < 7mA
    WRITE < 20mA (MAX)
    ERASE < 25mA (MAX)
    Standby < 15µA (TYP), 50µA (MAX) @ 3.3V
    Automatic power save (APS) feature
• Enhanced write and erase suspend options
    ERASE-SUSPEND-to-READ within same bank
    PROGRAM-SUSPEND-to-READ within same bank
    ERASE-SUSPEND-to-PROGRAM within same bank
• Dual 64-bit chip protection registers for security purposes
• Cross-compatible command support
    Extended command set
    Common flash interface
• PROGRAM/ERASE cycle
    100,000 WRITE/ERASE cycles per block
• Fast programming algorithm VPP = 12V ±5%




Similar Part No. - MT28F322P3

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F322D18 MICRON-MT28F322D18 Datasheet
526Kb / 44P
FLASH MEMORY
MT28F322D18FH-704BET MICRON-MT28F322D18FH-704BET Datasheet
526Kb / 44P
FLASH MEMORY
MT28F322D18FH-704TET MICRON-MT28F322D18FH-704TET Datasheet
526Kb / 44P
FLASH MEMORY
MT28F322D18FH-705BET MICRON-MT28F322D18FH-705BET Datasheet
526Kb / 44P
FLASH MEMORY
MT28F322D18FH-705TET MICRON-MT28F322D18FH-705TET Datasheet
526Kb / 44P
FLASH MEMORY
More results


Similar Description - MT28F322P3

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
FLASH MEMORY
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
FLASH MEMORY
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
FLASH MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com