Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MT48LC4M32B2 Datasheet (PDF) - Micron Technology

MT48LC4M32B2 Datasheet PDF - Micron Technology
Part # MT48LC4M32B2
Download  MT48LC4M32B2 Download
File Size   1281.27 Kbytes
Page   52 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description SYNCHRONOUS DRAM

MT48LC4M32B2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT48LC4M32B2 Datasheet PDF - Micron Technology

Part # MT48LC4M32B2
Download  MT48LC4M32B2 Click to download

File Size   1281.27 Kbytes
Page   52 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description SYNCHRONOUS DRAM

MT48LC4M32B2 Datasheet (HTML) - Micron Technology


MT48LC4M32B2 Product details

Features

• PC100-compliant

• Fully synchronous; all signals registered on positive edge of system clock

• Internal pipelined operation; column address can be changed every clock cycle

• Internal banks for hiding row access/precharge

• Programmable burst lengths: 1, 2, 4, 8, or full page

• Auto precharge, includes concurrent auto precharge and auto refresh modes

• Self refresh mode (not available on AT devices)

• Auto refresh

– 64ms, 4096-cycle refresh (commercial and industrial)

– 16ms, 4096-cycle refresh (automotive)

• LVTTL-compatible inputs and outputs

• Single 3.3V ±0.3V power supply

• Supports CAS latency (CL) of 1, 2, and 3




Similar Part No. - MT48LC4M32B2

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC4M32B2 MICRON-MT48LC4M32B2 Datasheet
3Mb / 79P
128Mb: x32 SDRAM MT48LC4M32B2 ??1 Meg x 32 x 4 Banks
MT48LC4M32B2B5-6G MICRON-MT48LC4M32B2B5-6G Datasheet
3Mb / 79P
128Mb: x32 SDRAM MT48LC4M32B2 ??1 Meg x 32 x 4 Banks
MT48LC4M32B2B51 MICRON-MT48LC4M32B2B51 Datasheet
3Mb / 79P
128Mb: x32 SDRAM MT48LC4M32B2 ??1 Meg x 32 x 4 Banks
MT48LC4M32B2B51 MICRON-MT48LC4M32B2B51 Datasheet
4Mb / 80P
SDR SDRAM MT48LC4M32B2 ??1 Meg x 32 x 4 Banks
MT48LC4M32B2F51 MICRON-MT48LC4M32B2F51 Datasheet
3Mb / 79P
128Mb: x32 SDRAM MT48LC4M32B2 ??1 Meg x 32 x 4 Banks
More results


Similar Description - MT48LC4M32B2

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
SYNCHRONOUS DRAM
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
Synchronous DRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com