Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LV47011P Datasheet (PDF) - ON Semiconductor

LV47011P Datasheet PDF - ON Semiconductor
Part # LV47011P
Download  LV47011P Download
File Size   172.07 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4-Channel BTL Power Amplifier

LV47011P Datasheet (PDF)

Go To PDF Page Download Datasheet
LV47011P Datasheet PDF - ON Semiconductor

Part # LV47011P
Download  LV47011P Click to download

File Size   172.07 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4-Channel BTL Power Amplifier

LV47011P Datasheet (HTML) - ON Semiconductor


LV47011P Product details

Overview

The LV47011P is the IC for 4-channel BTL power amplifier that is developed for car audio system. Pch DMOS in the upper side of the output stage and Nch DMOS in the lower side of the output stage are complimentary. High power and high quality sound are realized by that.

This IC incorporate various functions (standby switch, muting function, and various protection circuit) necessary for car audio system. Also, it has a self-diagnosis function.



Functions

• High output : PO max = 50W (typical) (VCC = 15.2V, f = 1kHz, RL = 4, Max power)

                   : PO max = 29W (typical) (VCC = 14.4V, f = 1kHz, THD = 10%, RL = 4)

                   : PO max = 22W (typical) (VCC = 14.4V, f = 1kHz, THD = 1%, RL = 4)

• Built-in muting function (pin 22)

• Built-in Standby switch (pin 4)

• Built-in Self-diagnosis function (pin 25) : Signal output in case of output offset detection, shorting to VCC, shorting to ground, and load shorting.

• Electric mirror noise decrease

• Built-in various protection circuit (shorting to ground, shorting to VCC, load shorting, over voltage and thermal shut down)

• No external anti-oscillation part necessary.



 




Similar Part No. - LV47011P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV47011P SANYO-LV47011P Datasheet
267Kb / 10P
For Car Audio Systems 4-Channel BTL Power Amplifier
LV47011P SANYO-LV47011P Datasheet
285Kb / 10P
4-Channel BTL Power Amplifier
LV47011P SANYO-LV47011P_12 Datasheet
285Kb / 10P
4-Channel BTL Power Amplifier
More results


Similar Description - LV47011P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7125 PANASONIC-AN7125 Datasheet
61Kb / 6P
Dual Channel BTL Power Amplifier
logo
Sanyo Semicon Device
LV47011P SANYO-LV47011P Datasheet
267Kb / 10P
For Car Audio Systems 4-Channel BTL Power Amplifier
LV47004P SANYO-LV47004P_12 Datasheet
308Kb / 11P
For Car Audio Systems 4-Channel BTL Power Amplifier
LV47009P SANYO-LV47009P_12 Datasheet
301Kb / 11P
For Car Audio Systems 4-Channel BTL Power Amplifier
LV47011P SANYO-LV47011P_12 Datasheet
285Kb / 10P
4-Channel BTL Power Amplifier
LV47017P SANYO-LV47017P_12 Datasheet
296Kb / 11P
4-Channel BTL Power Amplifier
logo
ON Semiconductor
LV47009P ONSEMI-LV47009P Datasheet
177Kb / 11P
4-Channel BTL Power Amplifier
May, 2013
LV47017P ONSEMI-LV47017P Datasheet
182Kb / 11P
4-Channel BTL Power Amplifier
May, 2013
ENA2047A ONSEMI-ENA2047A Datasheet
284Kb / 12P
4-Channel BTL Power Amplifier
May, 2013
LA4628 ONSEMI-LA4628 Datasheet
221Kb / 8P
2-Channel BTL Power Amplifier
May, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com