Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5.0SMLJ Datasheet (PDF) - MDE Semiconductor, Inc.

5.0SMLJ Datasheet PDF - MDE Semiconductor, Inc.
Part # 5.0SMLJ
Download  5.0SMLJ Download
File Size   327.12 Kbytes
Page   4 Pages
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

5.0SMLJ Datasheet (PDF)

Go To PDF Page Download Datasheet
5.0SMLJ Datasheet PDF - MDE Semiconductor, Inc.

Part # 5.0SMLJ
Download  5.0SMLJ Click to download

File Size   327.12 Kbytes
Page   4 Pages
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

5.0SMLJ Datasheet (HTML) - MDE Semiconductor, Inc.


5.0SMLJ Product details

FEATURES
• For surface mounted applications in order to optimize board space
• Halogen-Free
• Typical maximum temperature coefficent ΔVBR=0.1%xVBR@25°CxΔT
• Low profile package
• Built-in strain relief
• Glass passivated junction
• Low inductance
• Excellent clamping capability
• Repetition rate (duty cycle):0.01%
• Fast response time: typically less than 1.0 ps from 0 volts to BV for unidirectional types
• Typical IR less than 2µA above 12V
• High temperature soldering: 260°C/40 seconds at terminals
• Plastic package has Underwriters Laboratory Flammability Classification 94 V-O
• Matte Tin Lead-free plated




Similar Part No. - 5.0SMLJ

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
5.0SMLJ SMCDIODE-5.0SMLJ Datasheet
495Kb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. D
logo
Micro Commercial Compon...
5.0SMLJ100A MCC-5.0SMLJ100A Datasheet
83Kb / 4P
Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
5.0SMLJ100A MCC-5.0SMLJ100A Datasheet
137Kb / 4P
Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
5.0SMLJ100A MCC-5.0SMLJ100A Datasheet
1Mb / 4P
Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
5.0SMLJ100A MCC-5.0SMLJ100A Datasheet
337Kb / 5P
Transient Voltage Suppressor 11 to 170 Volts 5000 Watt Low profile package
More results


Similar Description - 5.0SMLJ

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
1.5SMC6.8 AOSMD-1.5SMC6.8 Datasheet
707Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
SMBJ5.0A AOSMD-SMBJ5.0A Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com