Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM400S Datasheet (PDF) - Astrodyne Corporation

ASM400S Datasheet PDF - Astrodyne Corporation
Part # ASM400S_16
Download  ASM400S Download
File Size   1877.68 Kbytes
Page   7 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 400W High Density Medical

ASM400S Datasheet (PDF)

Go To PDF Page Download Datasheet
ASM400S Datasheet PDF - Astrodyne Corporation

Part # ASM400S_16
Download  ASM400S Click to download

File Size   1877.68 Kbytes
Page   7 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 400W High Density Medical

ASM400S Datasheet (HTML) - Astrodyne Corporation




Similar Part No. - ASM400S_16

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASM40 ASTRODYNE-ASM40 Datasheet
745Kb / 4P
40W Ultraminiature Medical Open Frame Switching Power Supplies
ASM40-12 ASTRODYNE-ASM40-12 Datasheet
745Kb / 4P
40W Ultraminiature Medical Open Frame Switching Power Supplies
ASM40-15 ASTRODYNE-ASM40-15 Datasheet
745Kb / 4P
40W Ultraminiature Medical Open Frame Switching Power Supplies
ASM40-24 ASTRODYNE-ASM40-24 Datasheet
745Kb / 4P
40W Ultraminiature Medical Open Frame Switching Power Supplies
ASM40-36 ASTRODYNE-ASM40-36 Datasheet
745Kb / 4P
40W Ultraminiature Medical Open Frame Switching Power Supplies
More results


Similar Description - ASM400S_16

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MVAC400-12AF MURATA-PS-MVAC400-12AF Datasheet
393Kb / 8P
400W 3 x 5 High Density AC-DC Power Supply Converter
MVAC400-12AFD MURATA-PS-MVAC400-12AFD Datasheet
393Kb / 8P
400W 3 x 5 High Density AC-DC Power Supply Converter
MVAC400-12AFR MURATA-PS-MVAC400-12AFR Datasheet
393Kb / 8P
400W 3 x 5 High Density AC-DC Power Supply Converter
MVAC400-24AFD MURATA-PS-MVAC400-24AFD Datasheet
393Kb / 8P
400W 3 x 5 High Density AC-DC Power Supply Converter
MVAC400-24AFT MURATA-PS-MVAC400-24AFT Datasheet
393Kb / 8P
400W 3 x 5 High Density AC-DC Power Supply Converter
MVAC400-48AF MURATA-PS-MVAC400-48AF Datasheet
393Kb / 8P
400W 3 x 5 High Density AC-DC Power Supply Converter
MVAC400-48AFD MURATA-PS-MVAC400-48AFD Datasheet
393Kb / 8P
400W 3 x 5 High Density AC-DC Power Supply Converter
logo
Mean Well Enterprises C...
RPS-400 MEANWELL-RPS-400 Datasheet
1Mb / 10P
400W Reliable Green Medical Power Supply
logo
Zowie Technology Corpor...
SMF4C ZOWIE-SMF4C Datasheet
122Kb / 3P
High power density 400W TVS
logo
Murata Power Solutions ...
MVAC400 MURATA-PS-MVAC400 Datasheet
5Mb / 10P
400W 3" x 5" High Density AC-DC Power Supply
2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com