Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CGR-0118Z Datasheet (PDF) - RF Micro Devices

CGR-0118Z Datasheet PDF - RF Micro Devices
Part # CGR-0118Z_12
Download  CGR-0118Z Download
File Size   799.33 Kbytes
Page   14 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description DUAL CATV 5MHz to 65MHz CATV AMP IC

CGR-0118Z Datasheet (PDF)

Go To PDF Page Download Datasheet
CGR-0118Z Datasheet PDF - RF Micro Devices

Part # CGR-0118Z_12
Download  CGR-0118Z Click to download

File Size   799.33 Kbytes
Page   14 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description DUAL CATV 5MHz to 65MHz CATV AMP IC

CGR-0118Z Datasheet (HTML) - RF Micro Devices




Similar Part No. - CGR-0118Z_12

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
CGR-0118ZPCBA-410 RFMD-CGR-0118ZPCBA-410 Datasheet
840Kb / 14P
DUAL CATV 5MHz to 65MHz CATV AMP IC
CGR-0118ZPCBA-411 RFMD-CGR-0118ZPCBA-411 Datasheet
840Kb / 14P
DUAL CATV 5MHz to 65MHz CATV AMP IC
CGR-0118ZPCBA-412 RFMD-CGR-0118ZPCBA-412 Datasheet
840Kb / 14P
DUAL CATV 5MHz to 65MHz CATV AMP IC
CGR-0118ZSB RFMD-CGR-0118ZSB Datasheet
840Kb / 14P
DUAL CATV 5MHz to 65MHz CATV AMP IC
CGR-0118ZSQ RFMD-CGR-0118ZSQ Datasheet
840Kb / 14P
DUAL CATV 5MHz to 65MHz CATV AMP IC
More results


Similar Description - CGR-0118Z_12

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN8522S PANASONIC-DN8522S Datasheet
34Kb / 3P
Prescaler IC for CATV
logo
TriQuint Semiconductor
TGA2801B TRIQUINT-TGA2801B Datasheet
272Kb / 8P
CATV Ultra-Linear Power Amp
TGA2801D TRIQUINT-TGA2801D Datasheet
280Kb / 9P
CATV Ultra-Linear Power Amp
TGA2801D-SG TRIQUINT-TGA2801D-SG Datasheet
326Kb / 9P
CATV Ultra-Linear Power Amp
logo
RF Micro Devices
CGR-0118Z RFMD-CGR-0118Z Datasheet
840Kb / 14P
DUAL CATV 5MHz to 65MHz CATV AMP IC
logo
Sanyo Semicon Device
LA7784 SANYO-LA7784 Datasheet
167Kb / 7P
Downconverter IC for Digital CATV
logo
RF Micro Devices
R0605250 RFMD-R0605250 Datasheet
264Kb / 3P
Si Reverse Hybrid 5MHz to 65MHz
R0605300 RFMD-R0605300 Datasheet
268Kb / 3P
Si Reverse Hybrid 5MHz to 65MHz
logo
ON Semiconductor
LA7784 ONSEMI-LA7784 Datasheet
150Kb / 7P
Downconverter IC for Digital CATV
July, 2013
logo
RF Micro Devices
R0605250L RFMD-R0605250L Datasheet
262Kb / 3P
25dB Reverse Hybrid 5MHz to 65MHz
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com