Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N4933 Datasheet (PDF) - Jinan Jing Heng Electronics Co., Ltd.

1N4933 Datasheet PDF - Jinan Jing Heng Electronics Co., Ltd.
Part # 1N4933
Download  1N4933 Download
File Size   60.25 Kbytes
Page   2 Pages
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.
Description FAST RECOVERY RECTIFIER

1N4933 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4933 Datasheet PDF - Jinan Jing Heng Electronics Co., Ltd.

Part # 1N4933
Download  1N4933 Click to download

File Size   60.25 Kbytes
Page   2 Pages
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.
Description FAST RECOVERY RECTIFIER

1N4933 Datasheet (HTML) - Jinan Jing Heng Electronics Co., Ltd.


1N4933 Product details

Reverse Voltage: 50 to 600 Volts

Forward Current: 1.0 Ampere



FEATURES

• Plastic package has Underwriters Laboratory Flammability Classification 94V-0

• Construction utilizes void-free molded plastic technique

• High temperature soldering guaranteed: 260°C/10 seconds at terminals

• Component in accordance to RoHS 2011/65/EU



 




Similar Part No. - 1N4933

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N4933 MOTOROLA-1N4933 Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Pan Jit International I...
1N4933 PANJIT-1N4933 Datasheet
57Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
1N4933 SURGE-1N4933 Datasheet
150Kb / 4P
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
logo
Transys Electronics
1N4933 TRSYS-1N4933 Datasheet
134Kb / 3P
FAST SWITCHING PLASTIC RECTIFIER
logo
Won-Top Electronics
1N4933 WTE-1N4933 Datasheet
47Kb / 3P
1.0A FAST RECOVERY RECTIFIER
More results


Similar Description - 1N4933

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
FR101 CHENYI-FR101 Datasheet
163Kb / 2P
FAST RECOVERY RECTIFIER
FR301 CHENYI-FR301 Datasheet
122Kb / 2P
FAST RECOVERY RECTIFIER
logo
Mospec Semiconductor
FR101 MOSPEC-FR101 Datasheet
189Kb / 2P
FAST RECOVERY RECTIFIER
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIER
3JH61 BILIN-3JH61 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIER
BY500-100 BILIN-BY500-100 Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com