Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCA103T-D05 Datasheet (PDF) - Murata Manufacturing Co., Ltd.

SCA103T-D05 Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # SCA103T-D05
Download  SCA103T-D05 Download
File Size   169.05 Kbytes
Page   2 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Maximum Range

SCA103T-D05 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCA103T-D05 Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # SCA103T-D05
Download  SCA103T-D05 Click to download

File Size   169.05 Kbytes
Page   2 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Maximum Range

SCA103T-D05 Datasheet (HTML) - Murata Manufacturing Co., Ltd.


SCA103T-D05 Product details

The SCA103T Series is a 3D-MEMS-based single axis inclinometer family that uses the differential measurement principle. The high calibration accuracy combines extremely low temperature dependency, high resolution and low noise together with a robust sensing element design, to make the SCA103T an ideal choice for high accuracy leveling instruments. The VTI inclinometers are insensitive to vibration due to having over damped sensing elements plus they can withstand mechanical shocks of 20000 g.

Features
• Measuring ranges ±15° SCA103T-D04 and ± 30° SCA103T-D05
• 0.001° resolution (10 Hz BW, analog output)
• Sensing element controlled over damped frequency response (-3dB 18Hz)
• Robust design, high shock durability (20000g)
• Excellent stability over temperature and time
• Common mode error and noise reduction using the differential measurement principle
• Single +5 V supply
• Ratiometric analog voltage outputs
• Digital SPI inclination and temperature output
• Comprehensive failure detection features
   o True self test by deflecting the sensing elements’ proof mass by electrostatic force.
   o Continuous sensing element interconnection failure check.
   o Continuous memory parity check.
• RoHS compliant
• Compatible with Pb-free reflow solder process

Applications
• Platform leveling and stabilization
• Rotating laser levels
• Leveling instruments
• Construction levels




Similar Part No. - SCA103T-D05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCA103T-D05 ETC1-SCA103T-D05 Datasheet
281Kb / 2P
SCA103T
More results


Similar Description - SCA103T-D05

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCA61T-FAHH1G MURATA-SCA61T-FAHH1G Datasheet
166Kb / 2P
Maximum Range
SCA100T-D02 MURATA-SCA100T-D02 Datasheet
168Kb / 2P
Maximum Range
SCA121T-D03 MURATA-SCA121T-D03 Datasheet
170Kb / 2P
Maximum Range
SCA121T-D05 MURATA-SCA121T-D05 Datasheet
169Kb / 2P
Maximum Range
SCA121T-D07 MURATA-SCA121T-D07 Datasheet
170Kb / 2P
Maximum Range
SCC2130-D08 MURATA-SCC2130-D08 Datasheet
172Kb / 2P
Maximum Range
SCC2230-D08 MURATA-SCC2230-D08 Datasheet
172Kb / 2P
Maximum Range
SCL1700-D01 MURATA-SCL1700-D01 Datasheet
161Kb / 2P
Maximum Range
SCR1100-D04 MURATA-SCR1100-D04 Datasheet
169Kb / 2P
Maximum Range
SCR2100-D08 MURATA-SCR2100-D08 Datasheet
169Kb / 2P
Maximum Range
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com