Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C1011CV33-15AI Datasheet (PDF) - Cypress Semiconductor

CY7C1011CV33-15AI Datasheet PDF - Cypress Semiconductor
Part # CY7C1011CV33-15AI
Download  CY7C1011CV33-15AI Download
File Size   339.76 Kbytes
Page   11 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 128K x 16 Static RAM

CY7C1011CV33-15AI Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1011CV33-15AI Datasheet PDF - Cypress Semiconductor

Part # CY7C1011CV33-15AI
Download  CY7C1011CV33-15AI Click to download

File Size   339.76 Kbytes
Page   11 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 128K x 16 Static RAM

CY7C1011CV33-15AI Datasheet (HTML) - Cypress Semiconductor


CY7C1011CV33-15AI Product details

Functional Description

The CY7C1011CV33 is a high-performance CMOS Static RAM organized as 131,072 words by 16 bits. Writing to the device is accomplished by taking Chip Enable (CE) and Write Enable (WE) inputs LOW. If Byte Low Enable

(BLE) is LOW, then data from I/O pins (I/O0 through I/O7), is written into the location specified on the address pins (A0 through A16). If Byte High Enable (BHE) is LOW, then data from I/O pins (I/O8 through I/O15) is written into the location specified on the address pins (A0 through A16).



Features

• Pin equivalent to CY7C1011BV33

• High speed

— tAA = 10 ns

• Low active power

— 360 mW (max.)

• Data Retention at 2.0

• Automatic power-down when deselected

• Independent control of upper and lower bits

• Easy memory expansion with CE and OE features

• Available in Pb-free and non Pb-free 44-pin TSOP II,

44-pin TQFP and non Pb-free 48-ball VFBGA packages




Similar Part No. - CY7C1011CV33-15AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1011CV33-15AI CYPRESS-CY7C1011CV33-15AI Datasheet
368Kb / 11P
2-Mbit (128K x 16) Static RAM
More results


Similar Description - CY7C1011CV33-15AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1011BV33 CYPRESS-CY7C1011BV33 Datasheet
153Kb / 10P
128K x 16 Static RAM
CY62136CV18 CYPRESS-CY62136CV18 Datasheet
204Kb / 12P
128K x 16 Static RAM
CY62137CV25 CYPRESS-CY62137CV25 Datasheet
227Kb / 13P
2M (128K x 16) Static RAM
CY62136VLL CYPRESS-CY62136VLL Datasheet
218Kb / 12P
128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18 Datasheet
213Kb / 11P
128K x 16 Static RAM
logo
List of Unclassifed Man...
WCMA2016U4X ETC1-WCMA2016U4X Datasheet
297Kb / 11P
128K x 16 STATIC RAM
logo
Weida Semiconductor, In...
WCMA2016U4B WEIDA-WCMA2016U4B Datasheet
242Kb / 12P
128K x 16 Static RAM
WCMB2016R4X WEIDA-WCMB2016R4X Datasheet
214Kb / 11P
128K x 16 Static RAM
logo
Cypress Semiconductor
CY62137CV18 CYPRESS-CY62137CV18_02 Datasheet
251Kb / 11P
128K x 16 Static RAM
CY62137CV25 CYPRESS-CY62137CV25_06 Datasheet
875Kb / 13P
2M (128K x 16) Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com