Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SDM20U40 Datasheet (PDF) - SUNMATE electronic Co., LTD

SDM20U40 Datasheet PDF - SUNMATE electronic Co., LTD
Part # SDM20U40
Download  SDM20U40 Download
File Size   262.75 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SURFACE MOUNT SCHOTTKY BARRIER DIODE

SDM20U40 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDM20U40 Datasheet PDF - SUNMATE electronic Co., LTD

Part # SDM20U40
Download  SDM20U40 Click to download

File Size   262.75 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SURFACE MOUNT SCHOTTKY BARRIER DIODE

SDM20U40 Datasheet (HTML) - SUNMATE electronic Co., LTD


SDM20U40 Product details

VOLTAGE RANGE: 40V CURRENT: 250m A

Features
● Low Forward Voltage Drop
● Guard Ring Construction for
   Transient Protection
● Negligible Reverse Recovery Time
● Low Reverse Capacitance
● Ultra-Small Surface Mount Package

Mechanical Data
● Case: SOD-523, Molded Plastic
● Case material - UL Flammability Rating
   Classification 94V-0
● Marking Code: S4
● Weight: 0.002 grams (approx.)




Similar Part No. - SDM20U40

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM20U40 DIODES-SDM20U40 Datasheet
60Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30393 Rev. 1 - 2
SDM20U40 DIODES-SDM20U40 Datasheet
80Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30393 Rev. 5 - 2
SDM20U40 DIODES-SDM20U40 Datasheet
80Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30393 Rev. 9 - 2
logo
SHIKUES Electronics
SDM20U40 SKTECHNOLGY-SDM20U40 Datasheet
613Kb / 3P
Low Forward Voltage Drop
logo
AiT Semiconductor Inc.
SDM20U40 AITSEMI-SDM20U40 Datasheet
493Kb / 5P
SCHOTTKY DIODES 2PIN 40V
REV1.0
More results


Similar Description - SDM20U40

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com