Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FQP65N06 Datasheet (PDF) - Thinki Semiconductor Co., Ltd.

FQP65N06 Datasheet PDF - Thinki Semiconductor Co., Ltd.
Part # FQP65N06
Download  FQP65N06 Download
File Size   1158.56 Kbytes
Page   6 Pages
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.
Description 65A,60V Heatsink Planar N-Channel Power MOSFET

FQP65N06 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQP65N06 Datasheet PDF - Thinki Semiconductor Co., Ltd.

Part # FQP65N06
Download  FQP65N06 Click to download

File Size   1158.56 Kbytes
Page   6 Pages
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.
Description 65A,60V Heatsink Planar N-Channel Power MOSFET

FQP65N06 Datasheet (HTML) - Thinki Semiconductor Co., Ltd.


FQP65N06 Product details

General Description
This N-channel enhancement mode field-effect power transistor using THINKI Semiconductor advanced planar stripe, DMOS technology intended for off-line switch mode power supply.
Also, especially designed to minimize rds(on) and high rugged avalanche characteristics. The TO-220M pkg is well suited for adaptor power unit and small power inverter application.

Features
• 65A, 60V, RDS(on) = 0.016Ω @VGS = 10 V
• Low gate charge ( typical 48 nC)
• Low Crss ( typical 100 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• 175°C maximum junction temperature rating




Similar Part No. - FQP65N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP65N06 FAIRCHILD-FQP65N06 Datasheet
661Kb / 8P
60V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP65N06 ISC-FQP65N06 Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
2023-10-11
More results


Similar Description - FQP65N06

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
P50N06C THINKISEMI-P50N06C Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
CS50N06 THINKISEMI-CS50N06 Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
FKT50N06 THINKISEMI-FKT50N06 Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
HFP50N06 THINKISEMI-HFP50N06 Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
JCS50N06CH THINKISEMI-JCS50N06CH Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
KIA50N06 THINKISEMI-KIA50N06 Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
logo
KIA Semiconductor Techn...
65N06 KIA-65N06 Datasheet
374Kb / 7P
65A, 60V N-CHANNEL MOSFET
logo
Thinki Semiconductor Co...
FQP70N06 THINKISEMI-FQP70N06 Datasheet
1Mb / 7P
70A,60V Heatsink Planar N-Channel Power MOSFET
SUP70N06 THINKISEMI-SUP70N06 Datasheet
1Mb / 7P
70A,60V Heatsink Planar N-Channel Power MOSFET
SFP70N06 THINKISEMI-SFP70N06 Datasheet
1Mb / 7P
70A,60V Heatsink Planar N-Channel Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com