Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HV9963NG-G Datasheet (PDF) - Supertex, Inc

HV9963NG-G Datasheet PDF - Supertex, Inc
Part # HV9963NG-G
Download  HV9963NG-G Download
File Size   725.43 Kbytes
Page   12 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Closed Loop LED Driver with Enhanced PWM Dimming

HV9963NG-G Datasheet (PDF)

Go To PDF Page Download Datasheet
HV9963NG-G Datasheet PDF - Supertex, Inc

Part # HV9963NG-G
Download  HV9963NG-G Click to download

File Size   725.43 Kbytes
Page   12 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Closed Loop LED Driver with Enhanced PWM Dimming

HV9963NG-G Datasheet (HTML) - Supertex, Inc


HV9963NG-G Product details

General Description
The HV9963 is a current mode control LED driver IC designed to control single switch PWM converters (buck, boost, buck-boost or SEPIC) in a constant frequency mode. The controller uses a peak current-mode control scheme (with programmable slope compensation) and includes an internal transconductance amplifier to accurately control the output current over all line and load conditions. Multiple HV9963s can be synchronized to each other or to an external clock using the SYNC pin. The IC also provides a disconnect switch gate drive output, which can be used to disconnect the LEDs in case of a fault condition using an external disconnect FET. The 10V external FET drivers allow the use of standard level FETs. The low voltage 5.0V AVDD is used to power the internal logic and also acts as a reference voltage to set the current level.

Features
► Switch mode controller for single switch converters
   ● Buck
   ● Boost
   ● Buck-boost and SEPIC
► High output current accuracy
► High PWM dimming ratio (>5000:1)
► Internal 40V linear regulator
► Internal ±2% voltage reference
► Constant frequency operation with sync capability
► Programmable soft start
► 10V GATE drivers
► Hiccup mode protection for both short circuit and open circuit conditions

Applications
► RGB or white LED backlighting
► Battery powered LED lamps
► Other DC/DC LED drivers




Similar Part No. - HV9963NG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9961 SUTEX-HV9961 Datasheet
1Mb / 9P
LED Driver with Average-Mode Constant Current Control
HV9961 SUTEX-HV9961 Datasheet
1Mb / 9P
LED Driver with Average-Mode Constant Current Control
logo
Microchip Technology
HV9961 MICROCHIP-HV9961 Datasheet
732Kb / 20P
LED Driver with Average-Current Mode Constant-Current Control
09/14/21
logo
Supertex, Inc
HV9961LG-G SUTEX-HV9961LG-G Datasheet
1Mb / 9P
LED Driver with Average-Mode Constant Current Control
logo
Microchip Technology
HV9961LG-G-M901 MICROCHIP-HV9961LG-G-M901 Datasheet
732Kb / 20P
LED Driver with Average-Current Mode Constant-Current Control
09/14/21
More results


Similar Description - HV9963NG-G

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97634 INTERSIL-ISL97634_08 Datasheet
460Kb / 10P
White LED Driver with Wide PWM Dimming Range
logo
Zetex Semiconductors
ZXLD1352 ZETEX-ZXLD1352 Datasheet
655Kb / 22P
350mA LED driver with internal switch and enhanced PWM dimming range
logo
Silan Microelectronics ...
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Fairchild Semiconductor
FAN5346 FAIRCHILD-FAN5346 Datasheet
1Mb / 14P
Series Boost LED Driver with PWM Dimming Interface
logo
New Japan Radio
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
Constant Current LED Driver with PWM Dimming Control
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
Constant Current LED Driver with PWM Dimming
logo
Renesas Technology Corp
ISL97634 RENESAS-ISL97634 Datasheet
875Kb / 12P
White LED Driver with Wide PWM Dimming Range
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
BUCK LED DRIVER WITH PWM DIMMING
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
LED Driver with PWM Dimming Control
logo
Bright Power Semiconduc...
BP3266A BPS-BP3266A Datasheet
245Kb / 2P
Boost closed-loop thyristor dimming LED driver chip
Rev.1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com