Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PG1113F Datasheet (PDF) - STANLEY ELECTRIC CO.,LTD.

PG1113F Datasheet PDF - STANLEY ELECTRIC CO.,LTD.
Part # PG1113F
Download  PG1113F Download
File Size   286.73 Kbytes
Page   15 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Single Color Right Angle Type (2.1 X 1.0 mm)

PG1113F Datasheet (PDF)

Go To PDF Page Download Datasheet
PG1113F Datasheet PDF - STANLEY ELECTRIC CO.,LTD.

Part # PG1113F
Download  PG1113F Click to download

File Size   286.73 Kbytes
Page   15 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Single Color Right Angle Type (2.1 X 1.0 mm)

PG1113F Datasheet (HTML) - STANLEY ELECTRIC CO.,LTD.


PG1113F Product details

Features
Product features
● Outer Dimension 2.1 x 1.0 x 0.6mm ( L x W x H )
● Temperature range
    Storage Temperature : -40℃~ 100℃
    Operating Temperature : -30℃~ 85℃
● Lead–free soldering compatible
● RoHS compliant




Similar Part No. - PG1113F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PG1113F ETC1-PG1113F Datasheet
153Kb / 2P
1113F Series, Right Angle SMT LED
More results


Similar Description - PG1113F

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
1101F STANLEY-1101F Datasheet
367Kb / 21P
Single Color Right Angle Type (3.0 X 2.0 mm)
PG1101F-TR STANLEY-PG1101F-TR Datasheet
410Kb / 21P
Single Color Right Angle Type (3.0 X 2.0 mm)
UB1113F-TR STANLEY-UB1113F-TR Datasheet
317Kb / 20P
Right Angle Type (2.1 x 1.0 mm) Type, Milky White resin
BG1101F-TR STANLEY-BG1101F-TR Datasheet
410Kb / 21P
Single Color Right Angle Type (3.0 X 2.0 mm)
logo
Kingbright Corporation
APA3010P3BT-P22 KINGBRIGHT-APA3010P3BT-P22 Datasheet
566Kb / 4P
3.0 mm x 1.0 mm Right Angle Phototransistor
logo
HK TO-GRACE TECHNOLOGY ...
KPA-2107CGCK TO-GRACE-KPA-2107CGCK Datasheet
849Kb / 4P
2.1 x 0.6 mm Right Angle Surface LED Lamp
KPA-2107QBC-D TO-GRACE-KPA-2107QBC-D Datasheet
801Kb / 4P
2.1 x 0.6 mm Right Angle Surface LED Lamp
KPA-2107SYCK TO-GRACE-KPA-2107SYCK Datasheet
845Kb / 4P
2.1 x 0.6 mm Right Angle Surface LED Lamp
KPA-2107VBC-D TO-GRACE-KPA-2107VBC-D Datasheet
868Kb / 4P
2.1 x 0.6 mm Right Angle Surface LED Lamp
KPA-2107ZGCK TO-GRACE-KPA-2107ZGCK Datasheet
875Kb / 4P
2.1 x 0.6 mm Right Angle Surface LED Lamp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com