Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMS2951CS-X Datasheet (PDF) - Advanced Monolithic Systems

AMS2951CS-X Datasheet PDF - Advanced Monolithic Systems
Part # AMS2951CS-X
Download  AMS2951CS-X Download
File Size   148.12 Kbytes
Page   14 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description Battery Powered Systems

AMS2951CS-X Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS2951CS-X Datasheet PDF - Advanced Monolithic Systems

Part # AMS2951CS-X
Download  AMS2951CS-X Click to download

File Size   148.12 Kbytes
Page   14 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description Battery Powered Systems

AMS2951CS-X Datasheet (HTML) - Advanced Monolithic Systems


AMS2951CS-X Product details

GENERAL DESCRIPTION

The AMS2950 and AMS2951 are micropower voltage regulators ideally suited for use in battery-powered systems. These devices feature very low quiescent current (typ.75µA), and very low dropout voltage (typ.45mV at light loads and 380mV at 150mA) thus prolonging battery life. The quiescent current increases only slightly in dropout. The AMS2950/AMS2951 has positive transient protection up to 60V and can survive unregulated input transient up to 20V below ground.

The AMS2950 and AMS2951 were designed to include a tight initial tolerance (typ. 0.5%), excellent load and line regulation (typ. 0.05%), and a very low output voltage temperature coefficient, making these devices useful as a low-power voltage reference.

The AMS2950 is offered in the 3-pin TO-92 package. AMS2951 is available in 8-pin plastic SOIC and DIP packages and offers three major additional system features. An error flag output warns of a low output voltage, often due to failing batteries on input. The AMS2951 also features the logic-compatible shutdown input which enables the regulator to be switched on and off. The AMS2951 device may be pin-strapped for a 5.0V, 3.3V, 3.0V or 2.5 output, or programmed from 1.24V to 29V with an external pair of resistors.



FEATURES

• 5.0V, 3.3V, 3.0V and 2.5V Versions

• High Accuracy Output Voltage

• Extremely Low Quiescent Current

• Low Dropout Voltage

• Extremely Tight Load and Line Regulation

• Very Low Temperature Coefficient

• Current and Thermal Limiting

• Needs Minimum Capacitance (1µF) for Stability

• Unregulated DC Positive Transients 60V



ADDITIONAL FEATURES (AMS2951 ONLY)

• 1.24V to 29V Programmable Output

• Error Flag Warning of Voltage Output Dropout

• Logic Controlled Electronic Shutdown



APPLICATIONS

• Battery Powered Systems

• Portable Consumer Equipment

• Cordless Telephones

• Portable (Notebook) Computers

• Portable Instrumentation

• Radio Control Systems

• Automotive Electronics

• Avionics

• Low-Power Voltage Reference



 




Similar Part No. - AMS2951CS-X

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2951CS-X ADMOS-AMS2951CS-X Datasheet
144Kb / 14P
150mA LOW DROPOUT VOLTAGE REGULATOR
More results


Similar Description - AMS2951CS-X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1108 SILABS-TS1108 Datasheet
1Mb / 23P
Portable/Battery-Powered Systems
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
System PMIC for Battery Powered Systems
logo
Advanced Monolithic Sys...
LP2950ACN-X ADMOS-LP2950ACN-X Datasheet
142Kb / 14P
Battery Powered Systems
AMS116N-X ADMOS-AMS116N-X Datasheet
117Kb / 7P
Battery Powered Systems
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
Battery Powered Systems
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
Battery Powered Systems
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
77Kb / 6P
Battery Powered Systems
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
100Kb / 9P
Battery Powered Systems
AMS285-2.5AN ADMOS-AMS285-2.5AN Datasheet
172Kb / 8P
Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
Programmable PMIC for Battery-Powered Systems
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com