Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS2408S Datasheet (PDF) - Maxim Integrated Products

DS2408S Datasheet PDF - Maxim Integrated Products
Part # DS2408S
Download  DS2408S Download
File Size   1244.27 Kbytes
Page   36 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1-Wire 8-Channel Addressable Switch

DS2408S Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2408S Datasheet PDF - Maxim Integrated Products

Part # DS2408S
Download  DS2408S Click to download

File Size   1244.27 Kbytes
Page   36 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1-Wire 8-Channel Addressable Switch

DS2408S Datasheet (HTML) - Maxim Integrated Products


DS2408S Product details

DESCRIPTION

The DS2408 is an 8-channel, programmable I/O 1-Wire chip. PIO outputs are configured as open-drain and provide an on resistance of 100 max. A robust PIO channel-access communication protocol ensures that PIO output-setting changes occur error-free. A data-valid strobe output can be used to latch PIO logic states into external circuitry such as a D/A converter (DAC) or microcontroller data bus.



FEATURES

Eight Channels of Programmable I/O with Open-Drain Outputs

On-Resistance of PIO Pulldown Transistor 100Ω(max); Off-Resistance 10MΩ(typ)

Individual Activity Latches Capture Asynchronous State Changes at PIO Inputs for Interrogation by the Bus Master

Data-Strobe Output to Synchronize PIO Logic States to External Read/Write Circuitry

Built-in Multidrop Controller Ensures Compatibility with Other Dallas Semiconductor 1-Wire® Net Products

Supports 1-Wire Conditional Search Command with Response Controlled by Programmable PIO Conditions

Unique Factory-Lasered 64-Bit Registration Number Ensures Error-Free Device Selection and Absolute Part Identity

Communicates to Host with a Single Digital Signal at 15.3kbps or 100kbps using 1-Wire Protocol

Operating Range: 2.8V to 5.25V, -40°C to +85°C




Similar Part No. - DS2408S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2408S MAXIM-DS2408S Datasheet
607Kb / 39P
1-Wire 8-Channel Addressable Switch
12/10
DS2408S+ MAXIM-DS2408S+ Datasheet
640Kb / 39P
1-Wire 8-Channel Addressable Switch
195702 ; 3 /15
DS2408S+T&R MAXIM-DS2408S+T&R Datasheet
640Kb / 39P
1-Wire 8-Channel Addressable Switch
195702 ; 3 /15
More results


Similar Description - DS2408S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC259A MOTOROLA-MC54-74HC259A Datasheet
246Kb / 8P
8-Bit Addressable Latch 1-of-8 Decoder
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405 Datasheet
236Kb / 15P
Addressable Switch
logo
Maxim Integrated Produc...
DS2413 MAXIM-DS2413 Datasheet
235Kb / 17P
1-Wire Dual Channel Addressable Switch
REV: 051805
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405_07 Datasheet
419Kb / 15P
Addressable Switch
logo
Maxim Integrated Produc...
DS2413 MAXIM-DS2413_1 Datasheet
248Kb / 18P
1-Wire Dual Channel Addressable Switch
REV: 112007
DS2413 MAXIM-DS2413_08 Datasheet
148Kb / 18P
1-Wire Dual Channel Addressable Switch
REV: 110408
DS2408 MAXIM-DS2408_10 Datasheet
607Kb / 39P
1-Wire 8-Channel Addressable Switch
12/10
logo
ON Semiconductor
MC74HC259A ONSEMI-MC74HC259A Datasheet
134Kb / 9P
8-Bit Addressable Latch 1-of-8 Decoder
June, 2012 ??Rev. 3
logo
Maxim Integrated Produc...
DS2408 MAXIM-DS2408_V01 Datasheet
640Kb / 39P
1-Wire 8-Channel Addressable Switch
195702 ; 3 /15
logo
Analog Devices
DS2413 AD-DS2413 Datasheet
499Kb / 19P
1-Wire Dual-Channel Addressable Switch
2022 5/22
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com